Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

2701954 Datasheet(PDF) 1 Page - PHOENIX CONTACT

No. de Pieza. 2701954
Descripción  INTERBUS-ST analog output module, 4 outputs, 0 - 10 V, ±10 V, 0 - 20 mA, 4 - 20 mA, comprising: Moduleelectronics only
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo 

2701954 Datasheet(HTML) 1 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/2701954
10/16/2018   Page 1 / 3
Replacement electronics module - IB STME 24 AO 4/EF - 2701954
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
INTERBUS-ST analog output module, 4 outputs, 0 - 10 V, ±10 V, 0 - 20 mA, 4 - 20 mA, comprising: Module
electronics only
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356895736
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Ambient conditions
Ambient temperature (operation)
-25 °C ... 55 °C
Ambient temperature (storage/transport)
-25 °C ... 70 °C
Permissible humidity (operation)
10 % ... 95 % (non-condensing)
Permissible humidity (storage/transport)
10 % ... 95 % (non-condensing)
Air pressure (operation)
80 kPa ... 106 kPa (up to 2000 m above sea level)
Air pressure (storage/transport)
80 kPa ... 106 kPa (up to 2000 m above sea level)
Degree of protection
IP20
General
Mounting type
DIN rail
Net weight
241 g
Operating mode
Process data mode with 4 words
Diagnostics messages
Failure of the internal I/O supply I/O error message sent to the bus
coupler
F1 fuse failure I/O error message sent to the bus coupler


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn