Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

2701954 Datasheet(PDF) 2 Page - PHOENIX CONTACT

No. de Pieza. 2701954
Descripción  INTERBUS-ST analog output module, 4 outputs, 0 - 10 V, ±10 V, 0 - 20 mA, 4 - 20 mA, comprising: Moduleelectronics only
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo 

2701954 Datasheet(HTML) 2 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/pi/products/2701954
10/16/2018   Page 2 / 3
Replacement electronics module - IB STME 24 AO 4/EF - 2701954
Technical data
General
I/O supply failure I/O error message sent to the bus coupler
Interfaces
Designation
ST local bus
Connection method
ST local bus connector
Transmission speed
500 kbps
Transmission physics
Copper
Power supply for module electronics
Connection method
ST local bus connector
Designation
Communications power
Supply voltage
9 V DC (from the ST local bus)
Current consumption
typ. 54 mA
max. 80 mA
Power consumption
typ. 0.5 W
Analog outputs
Number of outputs
4 (Voltage or current)
Connection technology
2, 3-conductor
Output name
Analog outputs
D/A conversion time
max. 1 ms (incl. slew rate)
D/A resolution
12 bit
Type of protection
Transient protection
Protective circuit/component
Suppressor diode
Representation of output values
16 bit two's complement
Current output signal
0 mA ... 20 mA (SF and SF4 mode)
4 mA ... 20 mA (Mode SF4)
Load/output load current output
to 500 Ω
Voltage output signal
-10 V ... 10 V (Mode BP)
0 V ... 10 V (SF and SF4 mode)
Load/output load voltage output
> 2 kΩ
Electrical isolation
Test section
Bus/Outputs 500 V AC 50 Hz 1 min.
Supply voltage/Outputs 500 V AC 50 Hz 1 min.
Supply voltage/Ground conductor 500 V AC 50 Hz 1 min.
I/O voltage/Ground conductor 500 V AC 50 Hz 1 min.
Standards and Regulations
Protection class
III, IEC 61140, EN 61140, VDE 0140-1
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn