Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PI3C6800 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

No. de Pieza. PI3C6800
Descripción  2.5V/3.3V, 2-Port, 10-Bit Bus Switch with Precharged Outputs for Live Insertion
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PERICOM [Pericom Semiconductor Corporation]
Página de inicio  http://www.pericom.com
Logo 

PI3C6800 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PS8191D
05/03/00
ProductDescription
PericomSemiconductor’sPI3Cseriesoflogiccircuitsareproduced
using the Company’s advanced submicron CMOS technology,
achieving industry leading performance.
The PI3C6800 is a 10-bit bus switch with low on-state resistance.
Thebusswitchcreatesnoadditionalpropagationdelay.Tominimize
live-insertion noise, the device also precharges the B port to a user-
selectable bias voltage (BIASV).
The switch is turned on by a single enable (ON) input. When ON
is LOW, the switch is on and port A is connnected to port B. When
ON is HIGH, the switch between port A and port B is open and
the B port is precharged to BIASV through the equivalent of a
10-kΩresistor.
VCC
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
BIASV
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
ON
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
GND
ProductPinConfiguration
Function
ON
B1 - B10
Connect
L
A1 - A10
Precharge
H
BIASV
TruthTable(1)
Note:
1. H = High Voltage Level
L =LowVoltageLevel
LogicDiagram
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI3C6800
2.5V/3.3V, 2-Port, 10-Bit Bus Switch
with Precharged Outputs
for Live Insertion
ProductFeatures
• Near zero propagation delay
•5Ω switch connection between two ports
• HighBandwidth(>400MHz)
• Rail-to-Rail 3.3Vor2.5VSwitching
• Outputs are precharged by bias voltage to
minimize signal distortion during live insertion
• 5V I/O Tolerant
• 2.5V Supply Voltage Operation
• Package options:
– 24-pin 150 mil wide plastic QSOP (Q)
–24-pin173milwideTSSOP(L)
24-Pin
L,Q
ON
A10
A1
13
23
14
B1
B10


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn