Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2703981 Datasheet(PDF) 4 Page - PHOENIX CONTACT

No. de pieza 2703981
Descripción Electrónicos  Modbus/TCP(UDP) bus coupler, 8 inputs, 24 V DC, 4 outputs, 24 V DC, 500 mA, complete with I/O connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2703981 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2703981 Datasheet HTML 1Page - PHOENIX CONTACT 2703981 Datasheet HTML 2Page - PHOENIX CONTACT 2703981 Datasheet HTML 3Page - PHOENIX CONTACT 2703981 Datasheet HTML 4Page - PHOENIX CONTACT 2703981 Datasheet HTML 5Page - PHOENIX CONTACT 2703981 Datasheet HTML 6Page - PHOENIX CONTACT 2703981 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IL ETH BK DI8 DO4 2TX-PAC Order No.: 2703981
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2703981
PHOENIX CONTACT Inc., USA
Page 4 / 7
http://www.phoenixcon.com
Feb 7, 2011
Nominal output voltage
24 V DC
Maximum output current per channel
500 mA
Maximum output current per module / terminal
block
2 A
Maximum output current per module
2 A
Nominal load, inductive
12 VA
Nominal load, lamp
12 W
Nominal load, ohmic
12 W
Certificates / Approvals
Certification
CUL, UL
Certification Ex:
PxC-EX
Accessories
Item
Designation
Description
Assembly
3022218
CLIPFIX 35
Snap-on end bracket, for 35 mm NS 35/7.5 or NS 35/15 DIN
rail, can be fitted with Zack strip ZB 8 and ZB 8/27, terminal strip
marker KLM 2 and KLM, width: 9.5 mm, color: gray
1201442
E/UK
End clamp, for assembly on NS 32 or NS 35/7.5 DIN rail
Cable/conductor
2744830
FL CAT5 FLEX
CAT5-SF/UTP cable (J-LI02YS(ST)C H 2 x 2 x 26 AWG), light-
duty, flexible installation cable 2 x 2 x 0.14 mm², stranded,
shielded, outer sheath: 5.75 mm ± 0.15 mm diameter
2744814
FL CAT5 HEAVY
CAT5-SF/UTP cable (J-02YS(ST)C HP 2 x 2 x 24 AWG), heavy-
duty installation cable, 2 x 2 x 0.22 mm², solid conductor, shielded,
outer sheath: 7.8 mm diameter, inner sheath: 5.75 mm ± 0.15 mm
diameter
Literature
2832069
CD FL IL 24 BK
CD-ROM, with user documentation in PDF format, driver software
and sample programs, IO configurator


Número de pieza similar - 2703981

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
2703994 PHOENIX-2703994 Datasheet
254Kb / 20P
   PROFINET bus coupler, 8 inputs, 24 V DC, 4 outputs, 24 V DC, 500 mA, complete with I/O connectors
More results

Descripción similar - 2703981

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
2701388 PHOENIX-2701388 Datasheet
1Mb / 34P
   Modbus/TCP(UDP) bus coupler, version for extreme conditions, 8 inputs, 24 V DC, 4 outputs, 24 V DC, 500 mA
7649 PHOENIX-7649 Datasheet
296Kb / 19P
   PROFINET bus coupler, 8 inputs, 24 V DC, 4 outputs, 24 V DC, 500 mA, complete with I/O connectors
2703994 PHOENIX-2703994 Datasheet
254Kb / 20P
   PROFINET bus coupler, 8 inputs, 24 V DC, 4 outputs, 24 V DC, 500 mA, complete with I/O connectors
2702131 PHOENIX-2702131 Datasheet
86Kb / 6P
   EtherNet/IP??bus coupler, extreme conditions version, 8 inputs 24 V DC, 4 outputs 24 V DC, 500 mA, complete with I/O connectors
2897758 PHOENIX-2897758 Datasheet
275Kb / 18P
   Inline bus coupler for EtherNet/IP?? 8 inputs 24 V DC, 4 outputs 24 V DC, 500 mA
2742586 PHOENIX-2742586 Datasheet
116Kb / 7P
   INTERBUS bus coupler, 16 inputs, 24 V DC, 16 outputs, 24 V DC, 500 mA, with connecting plugs
2832962 PHOENIX-2832962 Datasheet
150Kb / 5P
   Inline Block I/O digital input/output module, Modbus TCP/IP, 16/32 inputs, 24 V DC, 16 outputs, 24 V DC, 500 mA, 2, 3-conductor connection method
logo
Schneider Electric
BMXDDM16025 SCHNEIDER-BMXDDM16025 Datasheet
190Kb / 5P
   discrete I/O module X80 - 8 inputs - 24 V DC - 8 outputs - relay
Apr 18, 2022
BMXDDM16022 SCHNEIDER-BMXDDM16022 Datasheet
184Kb / 5P
   discrete I/O module X80 - 8 inputs - 24 V DC - 8 outputs - solid state
Apr 18, 2022
logo
PHOENIX CONTACT
2702071 PHOENIX-2702071 Datasheet
237Kb / 15P
   Axioline F digital input and output module, 8 inputs, 24 V DC, 8 outputs, 24 V DC, 500 mA, 2-, 3-conductor connection technology
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com