Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDA5252M-2 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

No. de pieza SDA5252M-2
Descripción Electrónicos  ICs for Consumer Electronics
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SDA5252M-2 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  SDA5252M-2 Datasheet HTML 1Page - Siemens Semiconductor Group SDA5252M-2 Datasheet HTML 2Page - Siemens Semiconductor Group SDA5252M-2 Datasheet HTML 3Page - Siemens Semiconductor Group SDA5252M-2 Datasheet HTML 4Page - Siemens Semiconductor Group SDA5252M-2 Datasheet HTML 5Page - Siemens Semiconductor Group SDA5252M-2 Datasheet HTML 6Page - Siemens Semiconductor Group SDA5252M-2 Datasheet HTML 7Page - Siemens Semiconductor Group SDA5252M-2 Datasheet HTML 8Page - Siemens Semiconductor Group SDA5252M-2 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
SDA 525X-2
Semiconductor Group
4
1998-10-08
1
General Description
As its predecessors SDA 525x the SDA 525x-2 contains a slicer for VPS and TTX, an
accelerating acquisition hardware module, a display generator for “Level 1.5” TTX data,
and an 8 bit microcontroller running at 333 ns cycle time. The controller with dedicated
hardware guarantees flexibility, does most of the internal processing of TTX acquisition,
transfers data to/from the external memory interface and receives/transmits data via I
2C
user interface. The block diagram shows the internal organization of the SDA 525x-2.
The slicer combined with dedicated hardware stores TTX data in a VBI buffer of
746 Byte. The microcontroller firmware performs all the acquisition tasks (hamming- and
parity-checks, page search and evaluation of header control bits) once per field.
This delta specification describes the differences of the SDA 525x-2 compared to the
SDA 525x as described in the preliminary data sheet 1997-09-01.
2
Complete Feature List Including
New Features
New features compared to SDA 525x-Specification, version 06/96 are printed in
italic
and bold. As described in the errata sheet 03/97, release 1.0, the newer versions of the
SDA 525x and the SDA 525x-2 will
not have a serial port (UART) any more.
• Acquisition:
– Feature selection via special function register
– Simultaneous reception of TTX, VPS, and WSS
– Fixed framing code for VPS and TTX
– Acquisition during VBI
– Direct access to VBI RAM buffer
– Acquisition of packets x/26, x/27, 8/30 (firmware)
– Assistance of all relevant checks (firmware)
– 1-bit framing code error tolerance (switchable)
• Display:
– Features selectable via special function register
– 50/60 Hz display
(optional 100 Hz)
– Level 1.5 serial attribute display pages
– Blanking and contrast reduction output
– 8 direct addressable display pages for SDA 5250-2, SDA 5254-2 to SDA 5257-2
(optional 10 pages)
– 1 direct addressable display page for SDA 5251-2 to SDA 5253-2
– 12
× 10 character matrix
– 96 character ROM (standard G0 character set)
156 national option characters for 12 languages (for European version)
– 288 characters for X/26 display
– 64 block mosaic graphic characters
– 32 characters for OSD in expanded character ROM + 32 characters
inside OSD box


Número de pieza similar - SDA5252M-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
SDA5252 SIEMENS-SDA5252 Datasheet
1Mb / 143P
   TVTEXT 8-Bit Microcontroller
More results

Descripción similar - SDA5252M-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
SDA9280 SIEMENS-SDA9280 Datasheet
249Kb / 43P
   ICs for Consumer Electronics
SDA9270 SIEMENS-SDA9270 Datasheet
599Kb / 33P
   ICs for Consumer Electronics
logo
Infineon Technologies A...
TDA16846 INFINEON-TDA16846 Datasheet
351Kb / 28P
   ICs for Consumer Electronics
2000-01-14
logo
Siemens Semiconductor G...
SDA5275P SIEMENS-SDA5275P Datasheet
142Kb / 30P
   ICs for Consumer Electronics MEGATEXT and MEGATEXT PLUS ICs
logo
Abracon Corporation
ASTMLP ABRACON-ASTMLP Datasheet
5Mb / 13P
   Consumer electronics
06.30.15
logo
Silicon Laboratories
EZR32HG320 SILABS-EZR32HG320 Datasheet
1Mb / 87P
   Consumer electronics
EZR32HG220 SILABS-EZR32HG220 Datasheet
1Mb / 86P
   Consumer electronics
logo
Analog Devices
ADV7613 AD-ADV7613 Datasheet
366Kb / 14P
   Integrated consumer electronics control
logo
Silicon Laboratories
SI4770-77-A20 SILABS-SI4770-77-A20 Datasheet
419Kb / 54P
   HIGH-PERFORMANCE CONSUMER ELECTRONICS
logo
Skyworks Solutions Inc.
SI4704-D50 SKYWORKS-SI4704-D50 Datasheet
385Kb / 33P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER ELECTRONICS
Revision 0.2 to Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com