Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM5162 Datasheet(PDF) 7 Page - SamHop Microelectronics Corp.

No. de pieza SM5162
Descripción Electrónicos  RF remote control encoder paired with SM5172.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMHOP [SamHop Microelectronics Corp.]
Página de inicio  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM5162 Datasheet(HTML) 7 Page - SamHop Microelectronics Corp.

Back Button SM5162 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM5162 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM5162 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM5162 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM5162 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM5162 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM5162 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM5162 Datasheet HTML 10Page - SamHop Microelectronics Corp. SM5162 Datasheet HTML 11Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Page 7
OCT. 2001
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
Parameter
Conditions
Unit
Limit
Symbol
Min.
Typ. Max.
Supply Voltage
V
VCC
3
12
Output Drive Current (Dout)
VDD = 5V
VOH = 4V
VDD = 8V
VOH = 6.4V
VDD = 12V VOH = 9.6V
mA
IOH
- 2
- 6
-14
Output Sinking Current (Dout)
VDD = 5V
VOL = 1V
VDD = 8V
VOL = 1.6V
VDD = 12V VOL = 2.4V
mA
IOL
5
13
23
Standby Current
VDD=12V OSC stop
AO - A11 open
ISTB
μA
0.02
0.3
Conditions
VDD - Vss = 12 V
Ratings
-0.3 ~ 16
Vss - 0.3 ~ VDD +0.3
-20 ~ 70
-40 ~ 125
Vss - 0.3 ~ VDD +0.3
500
Unit
V
V
V
mW
Parameter
Supply Voltage
Input Voltage
Operating Temperature
Storage Temperature
Output Voltage
Maximum power dissipation
Symbol
VDD - Vss
VI - Vss
Topr
Tstg
VO - Vss
Pa
SM5162
312 RF ENCODER
SAMHOP Microelectronics Corp.
三合微科股份有限公司


Número de pieza similar - SM5162

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
SM51625EL BOURNS-SM51625EL Datasheet
252Kb / 2P
   LAN 10/100/1000 Base-T (PoE) Transformer
More results

Descripción similar - SM5162

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silvan Chip Electronics...
SC2260R4 SILVAN-SC2260R4 Datasheet
109Kb / 2P
   remote control encoder paired
SC2262 SILVAN-SC2262 Datasheet
228Kb / 3P
   remote control encoder paired
logo
SamHop Microelectronics...
SM5212E SAMHOP-SM5212E Datasheet
45Kb / 8P
   SM5212E is a RF remote control encoder paired with SM5212D
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
   REMOTE CONTROL DECODER PAIRED
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
   REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
   REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
   Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
   Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
   Remote Control Encoder?
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026 Datasheet
361Kb / 7P
   Remote Control Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com