Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC8814ICDBR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC8814ICDBR
Descripción Electrónicos  Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

DAC8814ICDBR Datasheet(HTML) 5 Page - Texas Instruments

  DAC8814ICDBR Datasheet HTML 1Page - Texas Instruments DAC8814ICDBR Datasheet HTML 2Page - Texas Instruments DAC8814ICDBR Datasheet HTML 3Page - Texas Instruments DAC8814ICDBR Datasheet HTML 4Page - Texas Instruments DAC8814ICDBR Datasheet HTML 5Page - Texas Instruments DAC8814ICDBR Datasheet HTML 6Page - Texas Instruments DAC8814ICDBR Datasheet HTML 7Page - Texas Instruments DAC8814ICDBR Datasheet HTML 8Page - Texas Instruments DAC8814ICDBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
www.ti.com
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AGNDA
IOUTA
VREFA
RFBA
MSB
RS
VDD
CS
CLK
SDI
RFBB
VREFB
IOUTB
AGNDB
AGNDD
IOUTD
VREFD
RFBD
DGND
VSS
AGNDF
LDAC
SDO
NC(1)
RFBC
VREFC
IOUTC
AGNDC
DAC8814
(TOP VIEW)
NOTE (1): NC − No internal connection
DAC8814
SBAS338 – JANUARY 2005
PIN DESCRIPTION
PIN
NAME
DESCRIPTION
1, 14, 15, 28
AGNDA, AGNDB, AGNDC, AGNDD DAC A, B, C, D Analog ground.
2, 13, 16, 27
IOUTA, IOUTB, IOUTC, IOUTD
DAC A, B, C, D Current output.
DAC A, B, C, D Reference voltage input terminal. Establishes DAC A, B, C, D full-scale
3, 12, 17, 26
VREFA, VREFB, VREFC, VREFD
output voltage. Can be tied to VDD.
4, 11, 18, 25
RFBA, RFBB, RFBC, RFBD
Establish voltage output for DAC A, B, C, D by connecting to external amplifier output.
5
MSB
MSB Bit set during a reset pulse (RS) or at system power on if tied to ground or VDD.
Reset pin, active low. Input register and DAC registers are set to all zeros or half scale
6
RS
code (8000h) determined by the voltage on the MSB pin. Register data = 8000h when
MSB = 1.
7
VDD
Positive power supply input. Specified range of operation 5 V
±10%.
Chip-select; active low input. Disables shift register loading when high. Transfers shift
8
CS
register data to input register when CS/LDAC goes high. Does not affect LDAC operation.
9
CLK
Clock input; positive edge triggered clocks data into shift register
10
SDI
Serial data input; data loads directly into the shift register.
19
NC
Not connected; leave floating.
Serial data output; input data loads directly into shift register. Data appears at SDO, 19
20
SDO
clock pulses after input at the SDI pin.
Load DAC register strobe; level sensitive active low. Tranfers all input register data to the
21
LDAC
DAC registers. Asynchronous active low input. See Table 1 for operation.
22
AGNDF
High current analog force ground.
23
VSS
Negative bias power-supply input. Specified range of operation -0.3 V to -5.5 V.
24
DGND
Digital ground.
5


Número de pieza similar - DAC8814ICDBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC8814ICDBR TI1-DAC8814ICDBR Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814ICDBRG4 TI1-DAC8814ICDBRG4 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
More results

Descripción similar - DAC8814ICDBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803_15 Datasheet
2Mb / 26P
[Old version datasheet]   Quad, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com