Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS6333 Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza GS6333
Descripción Electrónicos  3 Pin, Low-Power, P Reset Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS6333 Datasheet(HTML) 1 Page - Vishay Siliconix

  GS6333 Datasheet HTML 1Page - Vishay Siliconix GS6333 Datasheet HTML 2Page - Vishay Siliconix GS6333 Datasheet HTML 3Page - Vishay Siliconix GS6333 Datasheet HTML 4Page - Vishay Siliconix GS6333 Datasheet HTML 5Page - Vishay Siliconix GS6333 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GS6332 and GS6333
Vishay
formerly General Semiconductor
Document Number 74810
www.vishay.com
22-May-02
1
3 Pin, Low-Power,
µP Reset Circuits
Description
• The GS6333 and GS6332 are system supervisor circuits
designed to monitor VCC in digital systems and provide
a reset signal to the host processor when necessary. No
external components are required.
• When the processor power supply voltage drops below
the reset threshold, the reset output is driven active, in
less than 40
µs (TD1). Reset is maintained active for a
time period (TD2), after the Vcc rises above the threshold
voltage.
• To prevent jitter, the reset threshold voltage has a built-in
hysteresis of 0.4% of VTH.
• The GS6333 has an active-low reset output, while the
GS6332 has an active-high reset output. Both devices
have push/pull output drives.
• The reset signal is guaranteed valid, down to Vcc = 1.0V.
• Low supply current of 3
µA makes these devices well suit-
ed for battery powered applications. They are designed
to reject fast transients from causing false resets.
• Both devices are available in a space-saving SOT-23
package.
Features
• Tight reset voltage tolerances ± 1.8%
• Low supply current: < 3
µA
• Precision monitoring of 1.8V and 2.5V
powersupply voltages
• Other threshold voltage options available from 1.5V to
2.5V in approximately 100mV increments
• Three reset active time-out period options:
typical 1.5mS, 30mS, 150mS
• Reset output guaranteed down to 1.0V
• Vcc transient immunity
• No external components
Fig. 1 – Typical Application Diagram
Pin Configuration
SOT-23 (Top View)
Applications
• Computers
• Critical
µP/µC power monitoring
• Battery powered equipment
• Automotive electronics
1
2
3
GND
Reset/
Reset
Vcc
VCC
VCC
RESET
RESET
INPUT
GND
VCC
GND
µP
(RESET)
GS6332
GS6333


Número de pieza similar - GS6333

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
GS6-1 ETC2-GS6-1 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS6-10 ETC2-GS6-10 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS6-16 ETC2-GS6-16 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS6-2.5 ETC2-GS6-2.5 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS6-25 ETC2-GS6-25 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
More results

Descripción similar - GS6333

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX6800 MAXIM-MAX6800 Datasheet
147Kb / 7P
   3-Pin, Low-Power 關P Reset Circuits
Rev 1; 2/01
MAX6800 MAXIM-MAX6800_V01 Datasheet
901Kb / 8P
   3-Pin, Low-Power 關P Reset Circuits
2016
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
MAX6800 MAXIM-MAX6800_12 Datasheet
123Kb / 7P
   3-Pin, Low-Power μP Reset Circuits
Rev 4; 3/12
MAX6800 MAXIM-MAX6800_11 Datasheet
130Kb / 7P
   3-Pin, Low-Power uP Reset Circuits
Rev 3; 10/11
MAX6800 MAXIM-MAX6800_05 Datasheet
550Kb / 7P
   3-Pin, Low-Power uP Reset Circuits
19-1933 Rev 2; 12/05
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
MXD1810-MXD1818 MAXIM-MXD1810-MXD1818 Datasheet
198Kb / 11P
   Low-Power UP Reset Circuits in 3-Pin
Rev 0; 10/01
MAX6804US31D1 MAXIM-MAX6804US31D1 Datasheet
554Kb / 8P
   4-Pin, Low-Power 關P Reset Circuits with Manual Reset
Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com