Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NTE999 Datasheet(PDF) 2 Page - NTE Electronics

No. de pieza NTE999
Descripción Electrónicos  Integrated Circuit Adjustable Precision Shunt Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NTE [NTE Electronics]
Página de inicio  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE999 Datasheet(HTML) 2 Page - NTE Electronics

  NTE999 Datasheet HTML 1Page - NTE Electronics NTE999 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics: (TA = 25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reference Input Voltage
Vref
VKA = Vref, IK = 10mA
2440
2495
2550
mV
Deviation of Reference Input
Voltage
Vref(dev) VKA = Vref, IK = 10mA,
TA = 0° to +70°C
8
17
mV
Ratio of Change in Reference
∆Vref
∆VKA = 10V–Vref
–1.4
–2.7
mV
Input Voltage to the Change in
Cathode Voltage
∆VKA
IK = 10mA ∆V
KA = 36V–10V
–1.0
–2.0
V
Reference Input Current
Iref
IK = 10mA, R1 = 10kΩ, R2 = ∞
2.0
4.0
µA
Deviation of Reference Input
Current
Iref(dev) IK = 10mA, R1 = 10kΩ, R2 = ∞
TA = 0° to +70°C
0.4
1.2
µA
Minimum Cathode Current for
Regulation
Imin
VKA = Vref
0.4
1.0
mA
Off–State Cathode Current
Ioff
VKA = 36V, Vref = 0
0.1
1.0
µA
Dynamic Impedance
|zak|
VKA = Vref, IK = 1mA to 100mA
f
≤ 1kHz
0.2
0.5
.021 (.445) Dia Max
Seating Plane
.135 (3.45) Min
.100 (2.54)
.050 (1.27)
.105 (2.67) Max
.105 (2.67) Max
.205 (5.2) Max
.210
(5.33)
Max
.500
(12.7)
Min
.165
(4.2)
Max
Ref
K
A


Número de pieza similar - NTE999

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE999M NTE-NTE999M Datasheet
25Kb / 3P
   Integrared Circuit Programmable Precision Reference
NTE999SM NTE-NTE999SM Datasheet
25Kb / 3P
   Integrared Circuit Programmable Precision Reference
More results

Descripción similar - NTE999

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com