Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI2404 Datasheet(PDF) 7 Page - Silicon Laboratories

No. de pieza SI2404
Descripción Electrónicos  V.90, V.34, V.32BIS, V.22BIS ISOMODEM WITH GLOBAL DAA
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2404 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI2404 Datasheet HTML 3Page - Silicon Laboratories SI2404 Datasheet HTML 4Page - Silicon Laboratories SI2404 Datasheet HTML 5Page - Silicon Laboratories SI2404 Datasheet HTML 6Page - Silicon Laboratories SI2404 Datasheet HTML 7Page - Silicon Laboratories SI2404 Datasheet HTML 8Page - Silicon Laboratories SI2404 Datasheet HTML 9Page - Silicon Laboratories SI2404 Datasheet HTML 10Page - Silicon Laboratories SI2404 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
Si2457/34/15/04
Rev. 1.0
7
Table 5. Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
DC Supply Voltage
VD
4.1
V
Input Current, Si2457/34/15/04 Digital
Input Pins
IIN
±10
mA
Digital Input Voltage
VIND
–0.3 to 5.3
V
CLKIN/XTALI Input Voltage
VXIND
–0.3 to (VD + 0.3)
V
Operating Temperature Range
TA
–10 to 100
°C
Storage Temperature Range
TSTG
–40 to 150
°C
Note: Permanent device damage may occur if the above absolute maximum ratings are exceeded. Functional operation
should be restricted to the conditions as specified in the operational sections of this data sheet. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 6. Switching Characteristics
(VD = 3.0 to 3.6 V, TA = 0 to 70 °C for F-Grade)
Parameter
Symbol
Min
Typ
Max
Unit
CLKOUT Output Clock Frequency
2.048
49.152
MHz
Baud Rate Accuracy
tBD
–1
1
%
Start Bit
↓ to RTS ↓
tRTH
—1/(2 x Baud
Rate)
—ns
CTS or RTS
↑ High to Start Bit↓
tRTS
10
ns
Stop Bit
↑ to CTS ↑
tCTH
———
ns
RESET
↓ to RESET ↑
tRS
5.0
ms
RESET
↑ to 1st AT Command
tAT
300
ms
Address Setup
tAS
15
ns
Address Hold
tAH
0—
ns
WR Low Pulse Width
tWL
50
ns
Write Data Setup Time
tWDSU
20
ns
Write Cycle Time
tWC
120
ns
Chip Select Setup
tCSS
10
ns
Chip Select Hold
tCSH
0—
ns
RD Low Pulse Width
tRL
50
ns
RD Low to Data Driven Time
tRLDD
20
ns
Data Hold
tDH
10
ns
RD High to Hi-Z Time
tDZ
30
ns
Read Cycle Time
tRC
120
ns
Note: All timing is referenced to the 50% level of the waveform. Input test levels are VIH =VD – 0.4 V, VIL =0.4 V


Número de pieza similar - SI2404

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI2404 SKYWORKS-SI2404 Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
SI2404-D-FS SKYWORKS-SI2404-D-FS Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
SI2404-D-FT SKYWORKS-SI2404-D-FT Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
SI2404-D-GT SKYWORKS-SI2404-D-GT Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
More results

Descripción similar - SI2404

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI2457 SKYWORKS-SI2457 Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
logo
Silicon Laboratories
SI2456 SILABS-SI2456 Datasheet
1Mb / 86P
   V.90, V.34, V.32BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
logo
List of Unclassifed Man...
SI2433-FT ETC2-SI2433-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM CHIPSET WITH INTEGRATED GLOBAL DAA
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
logo
Silicon Laboratories
SI2456-FT SILABS-SI2456-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM짰 CHIPSET WITH INTEGRATED GLOBAL DAA
SI2494 SILABS-SI2494 Datasheet
449Kb / 70P
   V.92 AND V.34 ISOMODEM WITH GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2494 SKYWORKS-SI2494 Datasheet
1Mb / 70P
   V.92 AND V.34 ISOMODEM® WITH GLOBAL DAA
Rev. 1.0
logo
Silicon Laboratories
SI2401-FSR SILABS-SI2401-FSR Datasheet
751Kb / 72P
   V.22BIS ISOMODEM WITH LOW-COST DAA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74