Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC283PW Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza 74HC283PW
Descripción Electrónicos  4-bit binary full adder with fast carry
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC283PW Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC283PW Datasheet HTML 1Page - NXP Semiconductors 74HC283PW Datasheet HTML 2Page - NXP Semiconductors 74HC283PW Datasheet HTML 3Page - NXP Semiconductors 74HC283PW Datasheet HTML 4Page - NXP Semiconductors 74HC283PW Datasheet HTML 5Page - NXP Semiconductors 74HC283PW Datasheet HTML 6Page - NXP Semiconductors 74HC283PW Datasheet HTML 7Page - NXP Semiconductors 74HC283PW Datasheet HTML 8Page - NXP Semiconductors 74HC283PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
9397 750 13811
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 11 November 2004
5 of 20
Philips Semiconductors
74HC283
4-bit binary full adder with fast carry
6.2 Pin description
7.
Functional description
7.1 Function table
[1]
H = HIGH voltage level;
L = LOW voltage level.
[2]
Example for active HIGH: 10 + 9 (0 + 1010 + 1001) = 19 (10011).
[3]
Example for active LOW: 5 + 6 (1 + 0101 + 0110) = 12 (01100).
Table 3:
Pin description
Symbol
Pin
Description
S2
1
sum output 2
B2
2
B operand input 2
A2
3
A operand input 2
S1
4
sum output 1
A1
5
A operand input 1
B1
6
B operand input 1
CIN
7
carry input
GND
8
ground (0 V)
COUT
9
carry output
S4
10
sum output 4
B4
11
B operand input 4
A4
12
A operand input 4
S3
13
sum output 3
B3
14
A operand input 3
A3
15
B operand input 3
VCC
16
positive supply voltage
Table 4:
Function table [1]
Pins
Input
Output
CIN
A4
A3
A2
A1
B4
B3
B2
B1
COUT
S4
S3
S2
S1
Logic levels
L
H
L
H
L
H
L
L
H
H
L
L
H
H
Active HIGH [2]
0101010011
0
011
Active LOW [3]
1010101100
1
100


Número de pieza similar - 74HC283PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC283 PHILIPS-74HC283 Datasheet
61Kb / 8P
   4-bit binary full adder with fast carry
December 1990
More results

Descripción similar - 74HC283PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
   4-bit Binary Full Adder with Fast Carry
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
   4-Bit Binary Full Adder with Fast Carry
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
   4-bit Binary Full Adder (with Fast Carry)
logo
Motorola, Inc
SN54LS283 MOTOROLA-SN54LS283 Datasheet
97Kb / 4P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
SN54LS83A MOTOROLA-SN54LS83A Datasheet
94Kb / 3P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
logo
NXP Semiconductors
74HC283 PHILIPS-74HC283 Datasheet
61Kb / 8P
   4-bit binary full adder with fast carry
December 1990
logo
Intersil Corporation
CD54AC283 INTERSIL-CD54AC283 Datasheet
9Kb / 1P
   4-Bit Binary Full Adder with Fast Carry
June 1997
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283 Datasheet
66Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74AC283 RENESAS-HD74AC283 Datasheet
233Kb / 10P
   4-bit Binary Full Adder with Fast Carry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com