Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC12DL066 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No. de pieza ADC12DL066
Descripción Electrónicos  Dual 12-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12DL066 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC12DL066 Datasheet HTML 1Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 2Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 3Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 4Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 5Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 6Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 7Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 8Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Pin Descriptions and Equivalent Circuits (Continued)
Pin No.
Symbol
Equivalent Circuit
Description
24–29
34–39
DA0–DA11
Digital data output pins that make up the 12-bit conversion
results of their respective converters. DA0 and DB0 are the
LSBs, while DA11 and DB11 are the MSBs of the output
word. Output levels are TTL/CMOS compatible.
42–47
52–57
DB0–DB11
ANALOG POWER
9, 18, 19,
62, 63
V
A
Positive analog supply pins. These pins should be connected
to a quiet +3.3V source and bypassed to AGND with 0.1 µF
capacitors located within 1 cm of these power pins, and with
a 10 µF capacitor.
3, 8, 10, 17,
20, 61, 64
AGND
The ground return for the analog supply.
DIGITAL POWER
33, 48
V
D
Positive digital supply pin. This pin should be connected to
the same quiet +3.3V source as is V
A and be bypassed to
DGND with a 0.1 µF capacitor located within 1 cm of the
power pin and with a 10 µF capacitor.
32, 49
DGND
The ground return for the digital supply.
30, 51
V
DR
Positive digital supply pin for the ADC12DL066’s output
drivers. This pin should be connected to a voltage source of
+2.4V to V
D and be bypassed to DR GND with a 0.1 µF
capacitor. If the supply for this pin is different from the
supply used for V
A and VD, it should also be bypassed with
a 10 µF capacitor. V
DR should never exceed the voltage on
V
D. All bypass capacitors should be located within 1 cm of
the supply pin.
23, 31, 40,
50, 58
DR GND
The ground return for the digital supply for the
ADC12DL066’s output drivers. These pins should be
connected to the system digital ground, but not be
connected in close proximity to the ADC12DL066’s DGND or
AGND pins. See Section 5 (Layout and Grounding) for more
details.
www.national.com
4


Número de pieza similar - ADC12DL066

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC12DL066 NSC-ADC12DL066 Datasheet
504Kb / 24P
   Dual 12-Bit, 66Msps, 450MHz Input Bandwidth A/D Converter w/Internal Reference
logo
Texas Instruments
ADC12DL066 TI1-ADC12DL066 Datasheet
804Kb / 31P
[Old version datasheet]   Dual 12-Bit, 66 Msps, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC12DL066 TI1-ADC12DL066 Datasheet
817Kb / 33P
[Old version datasheet]   450 MHz Input Bandwidth A/D Converter
logo
National Semiconductor ...
ADC12DL066CIVS NSC-ADC12DL066CIVS Datasheet
504Kb / 24P
   Dual 12-Bit, 66Msps, 450MHz Input Bandwidth A/D Converter w/Internal Reference
logo
Texas Instruments
ADC12DL066CIVS/NOPB TI1-ADC12DL066CIVS/NOPB Datasheet
817Kb / 33P
[Old version datasheet]   450 MHz Input Bandwidth A/D Converter
More results

Descripción similar - ADC12DL066

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC12DL066 TI1-ADC12DL066_14 Datasheet
804Kb / 31P
[Old version datasheet]   Dual 12-Bit, 66 Msps, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
logo
National Semiconductor ...
ADC11DL066 NSC-ADC11DL066_08 Datasheet
491Kb / 24P
   Dual 11-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC11DL066 NSC-ADC11DL066 Datasheet
621Kb / 23P
   Dual 11-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
logo
Texas Instruments
ADC12L080 TI1-ADC12L080_14 Datasheet
987Kb / 28P
[Old version datasheet]   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
logo
National Semiconductor ...
ADC12L080 NSC-ADC12L080 Datasheet
1Mb / 23P
   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
ADC12L066 NSC-ADC12L066 Datasheet
756Kb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC12L066 NSC-ADC12L066_06 Datasheet
1Mb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC12DL066 NSC-ADC12DL066_08 Datasheet
504Kb / 24P
   Dual 12-Bit, 66Msps, 450MHz Input Bandwidth A/D Converter w/Internal Reference
ADC11L066 NSC-ADC11L066 Datasheet
742Kb / 27P
   11-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12DL066 TI1-ADC12DL066_15 Datasheet
817Kb / 33P
[Old version datasheet]   450 MHz Input Bandwidth A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com