Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8139 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD8139
Descripción Electrónicos  Low Noise Rail-to-Rail Differential ADC Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8139 Datasheet(HTML) 5 Page - Analog Devices

  AD8139 Datasheet HTML 1Page - Analog Devices AD8139 Datasheet HTML 2Page - Analog Devices AD8139 Datasheet HTML 3Page - Analog Devices AD8139 Datasheet HTML 4Page - Analog Devices AD8139 Datasheet HTML 5Page - Analog Devices AD8139 Datasheet HTML 6Page - Analog Devices AD8139 Datasheet HTML 7Page - Analog Devices AD8139 Datasheet HTML 8Page - Analog Devices AD8139 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD8139
Rev. A | Page 5 of 24
VS = 5 V, VOCM = 2.5 V SPECIFICATIONS
@ 25°C, Diff. Gain = 1, RL, dm = 1 kΩ, RF = RG = 200 Ω, unless otherwise noted. TMIN to TMAX = −40°C to +125°C.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
DIFFERENTIAL INPUT PERFORMANCE
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
VO, dm = 0.1 V p-p
330
385
MHz
−3 dB Large Signal Bandwidth
VO, dm = 2 V p-p
135
165
MHz
Bandwidth for 0.1 dB Flatness
VO, dm = 0.1 V p-p
34
MHz
Slew Rate
VO, dm = 2 V Step
540
V/μs
Settling Time to 0.01%
VO, dm = 2 V Step
55
ns
Overdrive Recovery Time
G = 2, VIN, dm = 7 V p-p Triangle Wave
35
ns
NOISE/HARMONIC PERFORMANCE
SFDR
VO, dm = 2 V p-p, fC = 1 MHz
99
dB
VO, dm = 2 V p-p, fC = 5 MHz, (RL = 800 Ω)
87
dB
VO, dm = 2 V p-p, fC = 20 MHz, (RL = 800 Ω)
75
dB
Third-Order IMD
VO, dm = 2 V p-p, fC = 10.05 MHz ± 0.05 MHz
−87
dBc
Input Voltage Noise
f = 100 kHz
2.25
nV/√Hz
Input Current Noise
f = 100 kHz
2.1
pA/√Hz
DC PERFORMANCE
Input Offset Voltage
VIP = VIN = VOCM =0 V
−500
±150
+500
µV
Input Offset Voltage Drift
TMIN to TMAX
1.25
µV/ºC
Input Bias Current
TMIN to TMAX
2.2
7.5
μA
Input Offset Current
0.13
0.5
µA
Open-Loop Gain
112
dB
INPUT CHARACTERISTICS
Input Common-Mode Voltage Range
1
4
V
Input Resistance
Differential
600
KΩ
Common-Mode
1.5
MΩ
Input Capacitance
Common-Mode
1.2
pF
CMRR
∆VICM = ±1 V dc, RF = RG = 10 kΩ
75
79
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
Each Single-Ended Output, RF = RG = 10 kΩ
−VS + 0.15
+VS − 0.15
V
Each Single-Ended Output,
RL, dm = Open Circuit, RF = RG = 10 kΩ
−VS + 0.10
+VS − 0.10
V
Output Current
Each Single-Ended Output
80
mA
Output Balance Error
f = 1 MHz
−70
dB
VOCM to VO, cm PERFORMANCE
VOCM DYNAMIC PERFORMANCE
−3 dB Bandwidth
VO, cm = 0.1 V p-p
440
MHz
Slew Rate
VO, cm = 2 V p-p
150
V/μs
Gain
0.999
1.000
1.001
V/V
VOCM INPUT CHARACTERISTICS
Input Voltage Range
1.0
3.8
V
Input Resistance
3.5
MΩ
Input Offset Voltage
VOS, cm = VO, cm − VOCM; VIP = VIN = VOCM = 2.5 V
−1.0
±0.45
+1.0
mV
Input Voltage Noise
f = 100 KHz
3.5
nV/√Hz
Input Bias Current
1.3
4.2
μA
CMRR
∆VOCM/∆VO(dm), ∆VOCM = ±1 V
67
79
dB


Número de pieza similar - AD8139

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8139 AD-AD8139 Datasheet
685Kb / 24P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
AD8139 AD-AD8139 Datasheet
331Kb / 8P
   Differential Amplifier Evaluation Board for Single 8-lead LFCSP Packages
REV. A
AD8139 AD-AD8139 Datasheet
939Kb / 16P
   Matched Resistor Network for Precision Amplifiers
AD8139ACP-EBZ AD-AD8139ACP-EBZ Datasheet
613Kb / 27P
   Low Noise, Rail-to-Rail, Differential ADC Driver
AD8139ACP-R2 AD-AD8139ACP-R2 Datasheet
685Kb / 24P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
More results

Descripción similar - AD8139

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8139 AD-AD8139_15 Datasheet
775Kb / 25P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
AD8139 AD-AD8139_16 Datasheet
613Kb / 27P
   Low Noise, Rail-to-Rail, Differential ADC Driver
AD8139 AD-AD8139_07 Datasheet
685Kb / 24P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
logo
Linear Technology
LTC6405CUD LINER-LTC6405CUD Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
LTC6405 LINER-LTC6405_15 Datasheet
442Kb / 26P
   2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifier/Driver
LTC6406 LINER-LTC6406_15 Datasheet
330Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406 LINER-LTC6406 Datasheet
271Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6405 LINER-LTC6405 Datasheet
286Kb / 24P
   2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
ADA4899-1 LINER-ADA4899-1 Datasheet
250Kb / 4P
   Rail-to-Rail SAR ADC Driver Amplifier
logo
Texas Instruments
THS4520-DIE TI1-THS4520-DIE Datasheet
96Kb / 5P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER WITH RAIL-TO-RAIL OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24