Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM29SL400CT100RWAI Datasheet(PDF) 11 Page - SPANSION |
|
AM29SL400CT100RWAI Datasheet(HTML) 11 Page - SPANSION |
11 / 44 page March 3, 2005 9 Ad vance Inform ati o n Device Bus Operations This section describes the requirements and use of the device bus operations, which are initiated through the internal command register. The com- mand register itself does not occupy any addressable memory location. The register is composed of latches that store the commands, along with the ad- dress and data information needed to execute the command. The contents of the register serve as in- puts to the internal state machine. The state ma- chine outputs dictate the function of the device. Table 1 lists the device bus operations, the inputs and control levels they require, and the resulting output. The following subsections describe each of these operations in further detail. Table 1. Am29SL400C Device Bus Operations Legend: L = Logic Low = VIL, H = Logic High = VIH, VID = 10 ± 1.0 V, X = Don’t Care, AIN = Address In, DIN = Data In, DOUT = Data Out Notes: 1. Addresses are A17:A0 in word mode (BYTE# = VIH), A17:A-1 in byte mode (BYTE# = VIL). 2. The sector protect and sector unprotect functions may also be implemented via programming equipment. See the “Sector Protection/Unprotection” section. Word/Byte Configuration The BYTE# pin controls whether the device data I/O pins DQ15–DQ0 operate in the byte or word configu- ration. If the BYTE# pin is set at logic ‘1’, the device is in word configuration, DQ15–DQ0 are active and controlled by CE# and OE#. If the BYTE# pin is set at logic ‘0’, the device is in byte configuration, and only data I/O pins DQ0–DQ7 are active and controlled by CE# and OE#. The data I/O pins DQ8–DQ14 are tri-stated, and the DQ15 pin is used as an input for the LSB (A-1) address func- tion. Requirements for Reading Array Data To read array data from the outputs, the system must drive the CE# and OE# pins to VIL. CE# is the power control and selects the device. OE# is the out- put control and gates array data to the output pins. WE# should remain at VIH. The BYTE# pin deter- mines whether the device outputs array data in words or bytes. The internal state machine is set for reading array data upon device power-up, or after a hardware re- set. This ensures that no spurious alteration of the memory content occurs during the power transition. No command is necessary in this mode to obtain array data. Standard microprocessor read cycles that assert valid addresses on the device address inputs produce valid data on the device data outputs. The device remains enabled for read access until the command register contents are altered. See Reading Array Data‚ on page 14 for more infor- mation. Refer to the AC Read Operations table for timing specifications and to Figure 14‚ on page 28 for the timing diagram. ICC1 in the DC Characteristics table represents the active current specification for reading array data. Operation CE# OE# WE # RESET# Addresses (Note 1) DQ0– DQ7 DQ8–DQ15 BYTE# = VIH BYTE# = VIL Read L L H H AIN DOUT DOUT DQ8–DQ14 = High-Z, DQ15 = A-1 Write L H L H AIN DIN DIN Standby VCC ± 0.2 V XX VCC ± 0.2 V X High-Z High-Z High-Z Output Disable L H H H X High-Z High-Z High-Z Reset X X X L X High-Z High-Z High-Z Sector Protect (Note 2) L H L VID Sector Address, A6 = L, A1 = H, A0 = L DIN XX Sector Unprotect (Note 2) L H L VID Sector Address, A6 = H, A1 = H, A0 = L DIN XX Temporary Sector Unprotect X X X VID AIN DIN DIN High-Z |
Número de pieza similar - AM29SL400CT100RWAI |
|
Descripción similar - AM29SL400CT100RWAI |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |