Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC081S101EVAL Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza DAC081S101EVAL
Descripción Electrónicos  8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC081S101EVAL Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DAC081S101EVAL Datasheet HTML 1Page - National Semiconductor (TI) DAC081S101EVAL Datasheet HTML 2Page - National Semiconductor (TI) DAC081S101EVAL Datasheet HTML 3Page - National Semiconductor (TI) DAC081S101EVAL Datasheet HTML 4Page - National Semiconductor (TI) DAC081S101EVAL Datasheet HTML 5Page - National Semiconductor (TI) DAC081S101EVAL Datasheet HTML 6Page - National Semiconductor (TI) DAC081S101EVAL Datasheet HTML 7Page - National Semiconductor (TI) DAC081S101EVAL Datasheet HTML 8Page - National Semiconductor (TI) DAC081S101EVAL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Block Diagram
20155103
Pin Descriptions
TSOT
(SOT-23)
Pin No.
MSOP
Pin No.
Symbol
Description
14
V
OUT
DAC Analog Output Voltage.
2
8
GND
Ground reference for all on-chip circuitry.
31
V
A
Power supply and Reference input. Should be decoupled
to GND.
47
D
IN
Serial Data Input. Data is clocked into the 16-bit shift
register on the falling edges of SCLK after the fall of
SYNC.
5
6
SCLK
Serial Clock Input. Data is clocked into the input shift
register on the falling edges of this pin.
6
5
SYNC
Frame synchronization input for the data input. When this
pin goes low, it enables the input shift register and data
is transferred on the falling edges of SCLK. The DAC is
updated on the 16th clock cycle unless SYNC is brought
high before the 16th clock, in which case the rising edge
of SYNC acts as an interrupt and the write sequence is
ignored by the DAC.
2, 3
NC
No Connect. There is no internal connection to these
pins.
www.national.com
2


Número de pieza similar - DAC081S101EVAL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC081S101 TI-DAC081S101 Datasheet
1Mb / 28P
[Old version datasheet]   DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101 TI1-DAC081S101 Datasheet
1Mb / 29P
[Old version datasheet]   DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101CIMK TI1-DAC081S101CIMK Datasheet
1Mb / 29P
[Old version datasheet]   DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101CIMK/NOPB TI1-DAC081S101CIMK/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101CIMKX/NOPB TI1-DAC081S101CIMKX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results

Descripción similar - DAC081S101EVAL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
   8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC081S101 TI1-DAC081S101_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC082S085 NSC-DAC082S085 Datasheet
870Kb / 19P
   8-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC081S101 TI-DAC081S101 Datasheet
1Mb / 28P
[Old version datasheet]   DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC082S085 TI1-DAC082S085_16 Datasheet
1Mb / 31P
[Old version datasheet]   DAC082S085 8-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
[Old version datasheet]   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com