Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S71PL129JB0BAW9B0 Datasheet(PDF) 44 Page - SPANSION

No. de pieza S71PL129JB0BAW9B0
Descripción Electrónicos  Stacked Multi-Chip Product (MCP) Flash Memory
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPANSION [SPANSION]
Página de inicio  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JB0BAW9B0 Datasheet(HTML) 44 Page - SPANSION

Back Button S71PL129JB0BAW9B0 Datasheet HTML 40Page - SPANSION S71PL129JB0BAW9B0 Datasheet HTML 41Page - SPANSION S71PL129JB0BAW9B0 Datasheet HTML 42Page - SPANSION S71PL129JB0BAW9B0 Datasheet HTML 43Page - SPANSION S71PL129JB0BAW9B0 Datasheet HTML 44Page - SPANSION S71PL129JB0BAW9B0 Datasheet HTML 45Page - SPANSION S71PL129JB0BAW9B0 Datasheet HTML 46Page - SPANSION S71PL129JB0BAW9B0 Datasheet HTML 47Page - SPANSION S71PL129JB0BAW9B0 Datasheet HTML 48Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 149 page
background image
44
S29PL129J for MCP
S29PL129J_MCP_00_A0 June 4, 2004
Advance
Info rmation
43h
0031h
Major version number, ASCII (reflects modifications to the silicon)
44h
0033h
Minor version number, ASCII (reflects modifications to the CFI table)
45h
TBD
Address Sensitive Unlock (Bits 1-0)
0 = Required, 1 = Not Required
Silicon Revision Number (Bits 7-2)
46h
0002h
Erase Suspend
0 = Not Supported, 1 = To Read Only, 2 = To Read & Write
47h
0001h
Sector Protect
0 = Not Supported, X = Number of sectors in per group
48h
0001h
Sector Temporary Unprotect
00 = Not Supported, 01 = Supported
49h
0007h (PLxxxJ)
Sector Protect/Unprotect scheme
07 = Advanced Sector Protection
4Ah
00E7h (PL129J)
Simultaneous Operation
00 = Not Supported, X = Number of Sectors excluding Bank 1
4Bh
0000h
Burst Mode Type
00 = Not Supported, 01 = Supported
4Ch
0002h (PLxxxJ)
Page Mode Type
00 = Not Supported, 01 = 4 Word Page, 02 = 8 Word Page
4Dh
0085h
ACC (Acceleration) Supply Minimum
00h = Not Supported, D7-D4: Volt, D3-D0: 100 mV
4Eh
0095h
ACC (Acceleration) Supply Maximum
00h = Not Supported, D7-D4: Volt, D3-D0: 100 mV
4Fh
0001h
Top/Bottom Boot Sector Flag
00h = Uniform device, 01h = Both top and bottom boot with write protect,
02h = Bottom Boot Device, 03h = Top Boot Device,
04h = Both Top and Bottom
50h
0001h
Program Suspend
0 = Not supported, 1 = Supported
57h
0004h
Bank Organization
00 = Data at 4Ah is zero, X = Number of Banks
58h
0027h (PL129J)
Bank 1 Region Information
X = Number of Sectors in Bank 1
59h
0060h (PL129J)
Bank 2 Region Information
X = Number of Sectors in Bank 2
5Ah
0060h (PL129J)
Bank 3 Region Information
X = Number of Sectors in Bank 3
5Bh
0027h (PL129J)
Bank 4 Region Information
X = Number of Sectors in Bank 4
Table 11. Primary Vendor-Specific Extended Query (Continued)
Addresses
Data
Description


Número de pieza similar - S71PL129JB0BAW9B0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SPANSION
S71PL129JB0 SPANSION-S71PL129JB0 Datasheet
3Mb / 153P
   Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
More results

Descripción similar - S71PL129JB0BAW9B0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SPANSION
S71GL-N SPANSION-S71GL-N_08 Datasheet
463Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL016A SPANSION-S71GL016A Datasheet
252Kb / 9P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL032A SPANSION-S71GL032A Datasheet
1Mb / 102P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016D SPANSION-S71AL016D Datasheet
1Mb / 76P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016M SPANSION-S71AL016M Datasheet
1Mb / 68P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL-N SPANSION-S71GL-N Datasheet
452Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
logo
Eon Silicon Solution In...
EN71PL032A0A EON-EN71PL032A0A Datasheet
333Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71GL128B0 EON-EN71GL128B0 Datasheet
545Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL03280 EON-EN71PL03280 Datasheet
223Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL032A0 EON-EN71PL032A0 Datasheet
212Kb / 7P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com