Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S71PL129JB0BAW9U0 Datasheet(PDF) 65 Page - SPANSION

No. de pieza S71PL129JB0BAW9U0
Descripción Electrónicos  Stacked Multi-Chip Product (MCP) Flash Memory
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPANSION [SPANSION]
Página de inicio  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JB0BAW9U0 Datasheet(HTML) 65 Page - SPANSION

Back Button S71PL129JB0BAW9U0 Datasheet HTML 61Page - SPANSION S71PL129JB0BAW9U0 Datasheet HTML 62Page - SPANSION S71PL129JB0BAW9U0 Datasheet HTML 63Page - SPANSION S71PL129JB0BAW9U0 Datasheet HTML 64Page - SPANSION S71PL129JB0BAW9U0 Datasheet HTML 65Page - SPANSION S71PL129JB0BAW9U0 Datasheet HTML 66Page - SPANSION S71PL129JB0BAW9U0 Datasheet HTML 67Page - SPANSION S71PL129JB0BAW9U0 Datasheet HTML 68Page - SPANSION S71PL129JB0BAW9U0 Datasheet HTML 69Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 149 page
background image
June 4, 2004 S29PL129J_MCP_00_A0
S29PL129J for MCP
65
Advance
Informatio n
AC Characteristics
Test Conditions
Switching Waveforms
Note: Diodes are IN3064 or equivalent
Figure 9.
Test Setups
Table 16. Test Specifications
Test Condition
All Speeds
Unit
Output Load
1 TTL gate
Output Load Capacitance, CL (including jig capacitance)
30
pF
Input Rise and Fall Times
VIO = 3.0 V
5
ns
Input Pulse Levels
VIO = 3.0 V
0.0–3.0
V
Input timing measurement reference levels
VIO/2
V
Output timing measurement reference levels
VIO/2
V
Table 17. Key to Switching Waveforms
Waveform
Inputs
Outputs
Steady
Changing from H to L
Changing from L to H
Don’t Care, Any Change Permitted
Changing, State Unknown
Does Not Apply
Center Line is High Impedance State (High Z)
2.7 kΩ
CL
6.2 kΩ
3.6 V
Device
Under
Test
VIO = 3.0 V


Número de pieza similar - S71PL129JB0BAW9U0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SPANSION
S71PL129JB0 SPANSION-S71PL129JB0 Datasheet
3Mb / 153P
   Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
More results

Descripción similar - S71PL129JB0BAW9U0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SPANSION
S71GL-N SPANSION-S71GL-N_08 Datasheet
463Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL016A SPANSION-S71GL016A Datasheet
252Kb / 9P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL032A SPANSION-S71GL032A Datasheet
1Mb / 102P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016D SPANSION-S71AL016D Datasheet
1Mb / 76P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016M SPANSION-S71AL016M Datasheet
1Mb / 68P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL-N SPANSION-S71GL-N Datasheet
452Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
logo
Eon Silicon Solution In...
EN71PL032A0A EON-EN71PL032A0A Datasheet
333Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71GL128B0 EON-EN71GL128B0 Datasheet
545Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL03280 EON-EN71PL03280 Datasheet
223Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL032A0 EON-EN71PL032A0 Datasheet
212Kb / 7P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com