Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S71PL129JB0BAW9U0 Datasheet(PDF) 69 Page - SPANSION

No. de pieza S71PL129JB0BAW9U0
Descripción Electrónicos  Stacked Multi-Chip Product (MCP) Flash Memory
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPANSION [SPANSION]
Página de inicio  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JB0BAW9U0 Datasheet(HTML) 69 Page - SPANSION

Back Button S71PL129JB0BAW9U0 Datasheet HTML 65Page - SPANSION S71PL129JB0BAW9U0 Datasheet HTML 66Page - SPANSION S71PL129JB0BAW9U0 Datasheet HTML 67Page - SPANSION S71PL129JB0BAW9U0 Datasheet HTML 68Page - SPANSION S71PL129JB0BAW9U0 Datasheet HTML 69Page - SPANSION S71PL129JB0BAW9U0 Datasheet HTML 70Page - SPANSION S71PL129JB0BAW9U0 Datasheet HTML 71Page - SPANSION S71PL129JB0BAW9U0 Datasheet HTML 72Page - SPANSION S71PL129JB0BAW9U0 Datasheet HTML 73Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 149 page
background image
June 4, 2004 S29PL129J_MCP_00_A0
S29PL129J for MCP
69
Advance
Informatio n
Erase/Program Operations
Notes:
1. Not 100% tested.
2. S29PL129J - During CE1# transitions, CE2# = VIH; During CE2# transitions, CE1# = VIH
3. S29PL129J - There are two CE# (CE1#, CE2#).
4. See Table 25, “Erase And Programming Performance,” on page 78 for more information.
Table 20. Erase and Program Operations
Parameter
Speed Options
JEDEC
Std
Description
55
60
65
70
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min
55
60
65
70
ns
tAVWL
tAS
Address Setup Time
Min
0
ns
tASO
Address Setup Time to OE# low during toggle bit
polling
Min
15
ns
tWLAX
tAH
Address Hold Time
Min
30
35
ns
tAHT
Address Hold Time From CE1#, CE#2 or OE# high
during toggle bit polling
Min
0
ns
tDVWH
tDS
Data Setup Time
Min
25
30
ns
tWHDX
tDH
Data Hold Time
Min
0
ns
tOEPH
Output Enable High during toggle bit polling
Min
10
ns
tGHWL
tGHWL
Read Recovery Time Before Write
(OE# High to WE# Low)
Min
0
ns
tELWL
tCS
CE1# or CE#2 Setup Time
Min
0
ns
tWHEH
tCH
CE1# or CE#2 Hold Time
Min
0
ns
tWLWH
tWP
Write Pulse Width
Min
35
ns
tWHDL
tWPH
Write Pulse Width High
Min
20
25
ns
tSR/W
Latency Between Read and Write Operations
Min
0
ns
tWHWH1
tWHWH1 Programming Operation (Note 4)
Typ
6
µs
tWHWH1
tWHWH1 Accelerated Programming Operation (Note 4)
Typ
4
µs
tWHWH2
tWHWH2 Sector Erase Operation (Note 4)
Typ
0.5
sec
tVCS
VCC Setup Time (Note 1)
Min
50
µs
tRB
Write Recovery Time from RY/BY#
Min
0
ns
tBUSY
Program/Erase Valid to RY/BY# Delay
Max
90
ns
Min
35
ns


Número de pieza similar - S71PL129JB0BAW9U0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SPANSION
S71PL129JB0 SPANSION-S71PL129JB0 Datasheet
3Mb / 153P
   Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
More results

Descripción similar - S71PL129JB0BAW9U0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SPANSION
S71GL-N SPANSION-S71GL-N_08 Datasheet
463Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL016A SPANSION-S71GL016A Datasheet
252Kb / 9P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL032A SPANSION-S71GL032A Datasheet
1Mb / 102P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016D SPANSION-S71AL016D Datasheet
1Mb / 76P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016M SPANSION-S71AL016M Datasheet
1Mb / 68P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL-N SPANSION-S71GL-N Datasheet
452Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
logo
Eon Silicon Solution In...
EN71PL032A0A EON-EN71PL032A0A Datasheet
333Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71GL128B0 EON-EN71GL128B0 Datasheet
545Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL03280 EON-EN71PL03280 Datasheet
223Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL032A0 EON-EN71PL032A0 Datasheet
212Kb / 7P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com