Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S71PL129JB0BAW9B2 Datasheet(PDF) 18 Page - SPANSION

No. de pieza S71PL129JB0BAW9B2
Descripción Electrónicos  Stacked Multi-Chip Product (MCP) Flash Memory
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPANSION [SPANSION]
Página de inicio  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JB0BAW9B2 Datasheet(HTML) 18 Page - SPANSION

Back Button S71PL129JB0BAW9B2 Datasheet HTML 14Page - SPANSION S71PL129JB0BAW9B2 Datasheet HTML 15Page - SPANSION S71PL129JB0BAW9B2 Datasheet HTML 16Page - SPANSION S71PL129JB0BAW9B2 Datasheet HTML 17Page - SPANSION S71PL129JB0BAW9B2 Datasheet HTML 18Page - SPANSION S71PL129JB0BAW9B2 Datasheet HTML 19Page - SPANSION S71PL129JB0BAW9B2 Datasheet HTML 20Page - SPANSION S71PL129JB0BAW9B2 Datasheet HTML 21Page - SPANSION S71PL129JB0BAW9B2 Datasheet HTML 22Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 149 page
background image
18
S29PL129J for MCP
S29PL129J_MCP_00_A0 June 4, 2004
Advance
Info rmation
Pin Description
Amax–A0
=
Address bus
DQ15–DQ0
=
16-bit data inputs/outputs/float
CE#
=
Chip Enable Inputs
OE#
=
Output Enable Input
WE#
=
Write Enable
VSS
=
Device Ground
NC
=
Pin Not Connected Internally
RY/BY#
=
Ready/Busy output and open drain.
When RY/BY#= VIH, the device is ready to accept
read operations and commands. When RY/BY#=
VOL, the device is either executing an embedded
algorithm or the device is executing a hardware
reset operation.
WP#/ACC
=
Write Protect/Acceleration Input.
When WP#/ACC= VIL, the highest and lowest two
4K-word sectors are write protected regardless of
other sector protection configurations. When WP#/
ACC= VIH, these sector are unprotected unless the
DYB or PPB is programmed. When WP#/ACC= 12V,
program and erase operations are accelerated.
VIO
=
Input/Output Buffer Power Supply 2.7 V to 3.6 V
VCC
=Chip Power Supply
(2.7 V to 3.6 V or 2.7 to 3.3 V)
RESET#
=
Hardware Reset Pin
CE1#, CE2#
=
Chip Enable Inputs.
CE1# controls the 64Mb in Banks 1A and 1B. CE2#
controls the 64 Mb in Banks 2A and 2B.
Notes:
1. Amax = A21
Logic Symbol
max+1
16
DQ15–DQ0
Amax–A0
CE#
OE#
WE#
RESET#
RY/BY#
WP#/ACC
VIO (VCCQ)


Número de pieza similar - S71PL129JB0BAW9B2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SPANSION
S71PL129JB0 SPANSION-S71PL129JB0 Datasheet
3Mb / 153P
   Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
More results

Descripción similar - S71PL129JB0BAW9B2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SPANSION
S71GL-N SPANSION-S71GL-N_08 Datasheet
463Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL016A SPANSION-S71GL016A Datasheet
252Kb / 9P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL032A SPANSION-S71GL032A Datasheet
1Mb / 102P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016D SPANSION-S71AL016D Datasheet
1Mb / 76P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016M SPANSION-S71AL016M Datasheet
1Mb / 68P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL-N SPANSION-S71GL-N Datasheet
452Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
logo
Eon Silicon Solution In...
EN71PL032A0A EON-EN71PL032A0A Datasheet
333Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71GL128B0 EON-EN71GL128B0 Datasheet
545Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL03280 EON-EN71PL03280 Datasheet
223Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL032A0 EON-EN71PL032A0 Datasheet
212Kb / 7P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com