Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA1622P Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza TEA1622P
Descripción Electrónicos  STARplugTM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1622P Datasheet(HTML) 4 Page - NXP Semiconductors

  TEA1622P Datasheet HTML 1Page - NXP Semiconductors TEA1622P Datasheet HTML 2Page - NXP Semiconductors TEA1622P Datasheet HTML 3Page - NXP Semiconductors TEA1622P Datasheet HTML 4Page - NXP Semiconductors TEA1622P Datasheet HTML 5Page - NXP Semiconductors TEA1622P Datasheet HTML 6Page - NXP Semiconductors TEA1622P Datasheet HTML 7Page - NXP Semiconductors TEA1622P Datasheet HTML 8Page - NXP Semiconductors TEA1622P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
9397 750 12578
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 17 March 2004
4 of 16
Philips Semiconductors
TEA1622P
STARplugTM
7.2 Pin description
8.
Functional description
The TEA1622P is the heart of a compact flyback converter, with the IC placed at the
primary side. The auxiliary winding of the transformer can be used for indirect feedback to
control the isolated output. This additional winding also powers the IC. A more accurate
control of the output voltage and/or current can be implemented with an additional
secondary sensing circuit and optocoupler feedback.
The TEA1622P uses voltage mode control. The frequency is determined by the maximum
transformer demagnetizing time and the time of the oscillator. In the first case, the
converter operates in the Self Oscillating Power Supply (SOPS) mode. In the latter case, it
operates at a constant frequency, which can be adjusted with external components RRC
and CRC. This mode is called Pulse Width Modulation (PWM). Furthermore, a primary
stroke is started only in a valley of the secondary ringing. This valley switching principle
minimizes capacitive switch-on losses.
8.1 Start-up and undervoltage lock-out
Initially, the IC is self supplying from the rectified mains voltage. The IC starts switching as
soon as the voltage on pin VCC passes the VCC(start) level. The supply is taken over by the
auxiliary winding of the transformer as soon as VCC is high enough and the supply from
the line is stopped for high efficiency operation.
As soon as the voltage on pin VCC drops below the VCC(stop) level, the IC stops switching
and restarts from the rectified mains voltage.
8.2 Oscillator
The frequency of the oscillator is set by the external resistor and capacitor on pin RC. The
external capacitor is charged rapidly to the VRC(max) level and, starting from a new primary
stroke, it discharges to the VRC(min) level. Because the discharge is exponential, the
relative sensitivity of the duty factor to the regulation voltage at low duty factor is almost
equal to the sensitivity at high duty factors. This results in a more constant gain over the
duty factor range compared to PWM systems with a linear sawtooth oscillator. Stable
operation at low duty factors is easily realized. For high efficiency, the frequency is
reduced as soon as the duty factor drops below a certain value. This is accomplished by
increasing the oscillator charge time.
Table 3:
Pin description
Symbol
Pin
Description
VCC
1
supply voltage
GND
2
ground
RC
3
frequency setting
REG
4
regulation input
AUX
5
input for voltage from auxiliary winding for timing (demagnetization)
SOURCE
6
source of internal MOS switch
n.c.
7
not connected
DRAIN
8
drain of internal MOS switch; input for start-up current and valley sensing


Número de pieza similar - TEA1622P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1622P/N1 NXP-TEA1622P/N1 Datasheet
614Kb / 2P
   Cut costs and size for effi cient low-power supplies
2007
More results

Descripción similar - TEA1622P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA152X PHILIPS-TEA152X_V01 Datasheet
149Kb / 20P
   STARplugTM
2000 Sep 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com