Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS79930 Datasheet(PDF) 2 Page - Texas Instruments |
|
TPS79930 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 18 page www.ti.com TPS79901, TPS79915, TPS79916, TPS79918 TPS79925, TPS79927, TPS79928, TPS799285 TPS79929, TPS79930, TPS79932, TPS79933 SBVS056C – JANUARY 2005 – REVISED MAY 2005 This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION(1) PRODUCT VOUT(2) TPS799xxyyyz XX is nominal output voltage (for example, 28 = 2.8V, 285 = 2.85V, 01 = Adjustable). YYY is package designator. Z is package quantity. (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. (2) Output voltages from 1.2V to 4.5V in 50mV increments are available through the use of innovative factory EEPROM programming; minimum order quantities may apply. Contact factory for details and availability. PACKAGE-LEAD PACKAGE PRODUCT VOLTAGE (DESIGNATOR) MARKING SOT23 (DDC) AWT Adjustable TPS79901 1.2V to 5.5V(1) WCSP (YZU) E9 SOT23 (DDC) AWU TPS79915 1.5V WCSP (YZU) EA TPS79916 1.6V WCSP (YZU) F2 SOT23 (DDC) AWV TPS79918 1.8V WCSP (YZU) EB SOT23 (DDC) AWW TPS79925 2.5V WCSP (YZU) EC TPS79927 2.7V WCSP (YZU) F5 SOT23 (DDC) AWX TPS79928 2.8V WCSP (YZU) ED SOT23 (DDC) AXY TPS79285 2.85V WCSP (YZU) EE TPS79929 2.9V WCSP (YZU) EZ SOT23 (DDC) AXZ TPS79930 3.0V WCSP (YZU) EF TPS79932 3.2V WCSP (YZU) F4 SOT23 (DDC) AXX TPS79933 3.3V WCSP (YZU) EG (1) For fixed 1.2V operation, tie FB to OUT. 2 |
Número de pieza similar - TPS79930 |
|
Descripción similar - TPS79930 |