Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS5410IPFB Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza ADS5410IPFB
Descripción Electrónicos  12-BIT, 80 MSPS CommsADCTM ANALOG-TO-DIGITAL CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADS5410IPFB Datasheet(HTML) 3 Page - Texas Instruments

  ADS5410IPFB Datasheet HTML 1Page - Texas Instruments ADS5410IPFB Datasheet HTML 2Page - Texas Instruments ADS5410IPFB Datasheet HTML 3Page - Texas Instruments ADS5410IPFB Datasheet HTML 4Page - Texas Instruments ADS5410IPFB Datasheet HTML 5Page - Texas Instruments ADS5410IPFB Datasheet HTML 6Page - Texas Instruments ADS5410IPFB Datasheet HTML 7Page - Texas Instruments ADS5410IPFB Datasheet HTML 8Page - Texas Instruments ADS5410IPFB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ADS5410
SLAS346 – JUNE 2002
www.ti.com
3
DC ELECTRICAL CHARACTERISTICS
over operating free-air temperature range, clock frequency = 80 MSPS, 50% clock duty cycle (AVDD = 3.3 V, DVDD = 1.8 V, OVDD = 1.8 V)
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC Accuracy(1)
No missing codes
Fs = 88 MSPS(2)
Assured
DNL
Differential nonlinearity
–0.9
±0.5
1
LSB
INL
Integral nonlinearity
–2
±1.5
2
LSB
EO
Offset error
3
mV
EG
Gain error
0.5
%FS
Power Supply
I(AVDD)
Analog supply current
105
I(DVDD)
Digital supply current
Fs = 80 MSPS, AI = FS, fi = 2 MHz
1
mA
I(OVDD)
Digital output driver supply current
Fs
80 MSPS, AI FS, fi 2 MHz
3.5
mA
Power dissipation
360
450
mW
Power down dissipation
PWDN = high
30
45
mW
PSRR
Power supply rejection ratio
±0.3
mV/V
References
Vref(VREFB)
Reference bottom
1.1
1.25
1.4
V
Vref(VREFT)
Reference top
2.1
2.25
2.4
V
VREFT – VREFB
1.06
V
VREFT – VREFB variation (6σ)
0.06
V
VOC(CML)
Common mode output voltage
1.8
V
Digital Inputs (PWD)
IIH
High-level input current
Vi = 1.6 V
–10
10
µA
IIL
Low-level input current
Vi = 0.3 V
–10
10
µA
VIH
High-level input voltage
1.8
V
VIL
Low-level input voltage
0.8
V
Digital Outputs
VOH
High-level output voltage
IOH = –50 µA
1.4
V
VOL
Low-level output voltage
IOL = 50 µA
0.4
V
(1) Fs = 80 MSPS, sinewave input, fi = 2 MHz
(2) Speed margin test


Número de pieza similar - ADS5410IPFB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS5411 TI-ADS5411 Datasheet
504Kb / 22P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPGP TI1-ADS5411IPGP Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPGPR TI1-ADS5411IPGPR Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPGPR TI1-ADS5411IPGPR_14 Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPJY TI-ADS5411IPJY Datasheet
504Kb / 22P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
More results

Descripción similar - ADS5410IPFB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5522IPAP TI1-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5433 TI-ADS5433 Datasheet
1Mb / 22P
[Old version datasheet]   14 BIT, 80 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5423 TI-ADS5423 Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
ADS5423 TI1-ADS5423_14 Datasheet
1Mb / 28P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
ADS5542IPAP TI1-ADS5542IPAP Datasheet
612Kb / 33P
[Old version datasheet]   14-Bit, 80 MSPS Analog-To-Digital Converter
logo
Analog Devices
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com