Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AIC1553 Datasheet(PDF) 4 Page - Analog Intergrations Corporation

No. de pieza AIC1553
Descripción Electrónicos  Compact 500KHz PWM/PFM, Step-Down DC/DC Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIC [Analog Intergrations Corporation]
Página de inicio  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1553 Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1553 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1553 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1553 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1553 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1553 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1553 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1553 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1553 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1553 Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AIC1553
4
TYPICAL PERFORMANCE CHARACTERISTICS
-50
0
50
100
150
0.730
0.735
0.740
0.745
0.750
0.755
0.760
0.765
0.770
VIN=3.6V
Fig. 2 Reference Voltage vs. Temperature
Temperature (
°C)
-50
0
50
100
150
400
425
450
475
500
525
550
575
600
VIN=3.6V
Fig. 2 Frequency vs. Temperature
Temperature (
°C)
2
3
4
5
6
400
450
500
550
600
650
Fig. 3 Switch Resistance vs. Supply Voltage
Supply Voltage (V)
1
10
100
1000
40
45
50
55
60
65
70
75
80
85
90
95
100
Fig. 4 Efficiency vs. Load Current
Load Current (mA)
VOUT=1.5V
VIN=2.5V
VIN=3.3V
VIN=5V
Fig. 5 Efficiency vs. Load Current
Load Current (mA)
1
10
100
1000
65
70
75
80
85
90
95
100
VOUT=2.5V
VIN=3.3V
VIN=3.3V
VIN=5V


Número de pieza similar - AIC1553

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Intergrations Co...
AIC1550 AIC-AIC1550 Datasheet
956Kb / 15P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
AIC1550COTB AIC-AIC1550COTB Datasheet
956Kb / 15P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
AIC1550COTR AIC-AIC1550COTR Datasheet
956Kb / 15P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
AIC1550CPTB AIC-AIC1550CPTB Datasheet
956Kb / 15P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
AIC1550CPTR AIC-AIC1550CPTR Datasheet
956Kb / 15P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
More results

Descripción similar - AIC1553

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Torex Semiconductor
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
   PWM/PFM Step-down DC-DC Controller
logo
Microchip Technology
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2002
TC105 MICROCHIP-TC105_13 Datasheet
197Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
logo
Unisonic Technologies
UC3750 UTC-UC3750 Datasheet
211Kb / 9P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
UC3750 UTC-UC3750_11 Datasheet
203Kb / 8P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
logo
Diodes Incorporated
AP1604A DIODES-AP1604A_09 Datasheet
175Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1604A Rev. 2
AP1635 DIODES-AP1635_09 Datasheet
167Kb / 8P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1635 Rev. 4
logo
Torex Semiconductor
XC6365 TOREX-XC6365_1 Datasheet
1Mb / 23P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com