Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA1980A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA1980A
Descripción Electrónicos  SAW Filter 1030MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1980A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1980A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1980A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1980A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1980A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1980A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1980A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1980A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Name: SAW Filter 1030 MHz (BW 10 MHz) SMD 3.0X3.0 mm
TST Parts No.: TA1980A
Customer Parts No.:
Company:
Division:
Approved by :
Date:
Checked by:
Sam Lin
Approval by:
Bob Chau
Date:
2016/06/30
1.
Customer signed back is required before TST can proceed with sample build and receive orders.
2.
Orders received without customer signed back will be regarded as agreement on the specifications.
3.
Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes


Número de pieza similar - TA1980A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transko Electronics, In...
TA19810AV TRANSKO-TA19810AV Datasheet
631Kb / 4P
   198.50 MHz IF SAW Filter / 10.90MHz Bandwidth
Revision 0: 22. Apr. 2011
logo
TAI-SAW TECHNOLOGY CO.,...
TA1981A TAI-SAW-TA1981A Datasheet
645Kb / 7P
   SAW Filter 1950 MHz
TA1982A TAI-SAW-TA1982A Datasheet
345Kb / 7P
   SAW Filter 2492MHz
TA1984A TAI-SAW-TA1984A Datasheet
279Kb / 7P
   SAW Filter 1260 MHz
TA1985A TAI-SAW-TA1985A Datasheet
285Kb / 7P
   SAW Filter 1260 MHz
More results

Descripción similar - TA1980A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA0690A TAI-SAW-TA0690A Datasheet
353Kb / 7P
   SAW Filter 1030MHz
TA0690B TAI-SAW-TA0690B Datasheet
211Kb / 7P
   SAW Filter 1030MHz
logo
Golledge Electronics Lt...
MA04281 GOLLEDGE-MA04281 Datasheet
84Kb / 6P
   1030MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2002A TAI-SAW-TA2002A Datasheet
748Kb / 8P
   SAW Filter 1030MHz
TA0177A TAI-SAW-TA0177A Datasheet
328Kb / 7P
   SAW Filter 1030MHz SMD 3.8횞3.8 mm
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com