Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

3069706 Datasheet(PDF) 3 Page - PHOENIX CONTACT

No. de Pieza. 3069706
Descripción  Off switch - RS20-US-S0200-0102-014H-001
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo 

3069706 Datasheet(HTML) 3 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.phoenixcontact.com/pi/products/3069706
11/22/2018   Page 3 / 5
Off switch - RS20-US-S0200-0102-014H-001 - 3069706
Technical data
Dimensions
Height
48 mm
Hole diameter
7 mm
Height
29 mm
Installation depth
33.5 mm
Ambient conditions
Ambient temperature (operation)
-35 °C ... 55 °C (Open, at 100% load, with peaks up to 60°C)
Connection data
Conductor cross section solid min.
0.5 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section AWG min.
20
Conductor cross section AWG max.
14
Conductor cross section flexible min.
0.75 mm²
Conductor cross section flexible max.
2.5 mm²
Min. AWG conductor cross section, flexible
18
Max. AWG conductor cross section, flexible
14
Conductor cross section / stranded with ferrule without plastic sleeve
min.
2.5 mm²
Conductor cross section / stranded with ferrule without plastic sleeve
max.
2.5 mm²
Conductor cross section / stranded with ferrule with plastic sleeve min.
1.5 mm²
Conductor cross section / stranded, with ferrule with plastic sleeve max. 1.5 mm²
2 conductors with same cross section, solid min.
0.5 mm²
2 conductors with same cross section, solid max.
2.5 mm²
Two conductors with the same cross section, AWG solid min.
20
Two conductors with the same cross section, AWG solid max.
14
2 conductors with same cross section, stranded min.
0.75 mm²
2 conductors with same cross section, stranded max.
2.5 mm²
Two conductors with the same cross section, AWG stranded, min.
18
Two conductors with the same cross section, AWG stranded, max.
14
2 conductors with the same cross section/stranded, with ferrule and
without plastic sleeve, minimum
2.5 mm²
2 conductors with the same cross section/stranded, with ferrule and
without plastic sleeve, maximum
2.5 mm²
2 conductors with the same cross section/stranded, with ferrule and
plastic sleeve, minimum
1.5 mm²
2 conductors with the same cross section/stranded, with ferrule and
plastic sleeve, maximum
1.5 mm²
Standards and Regulations
Flammability rating according to UL 94
V0
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn