Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

3069706 Datasheet(PDF) 5 Page - PHOENIX CONTACT

No. de Pieza. 3069706
Descripción  Off switch - RS20-US-S0200-0102-014H-001
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo 

3069706 Datasheet(HTML) 5 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
https://www.phoenixcontact.com/pi/products/3069706
11/22/2018   Page 5 / 5
Off switch - RS20-US-S0200-0102-014H-001 - 3069706
Approvals
 
 
Nominal current IN
20 A
mm²/AWG/kcmil
20-12
cUL Listed 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  FILEE357353
 
 
Nominal voltage UN
300 V
Nominal current IN
20 A
mm²/AWG/kcmil
20-12
EAC 
 
 EAC-Zulassung
cULus Listed 
 
 
Phoenix Contact 2018 © - all rights reserved
http://www.phoenixcontact.com
PHOENIX CONTACT GmbH & Co. KG
Flachsmarktstr. 8
32825 Blomberg
Germany
Tel. +49 5235 300
Fax +49 5235 3 41200
http://www.phoenixcontact.com


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn