Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

3069706 Datasheet(PDF) 1 Page - PHOENIX CONTACT

No. de Pieza. 3069706
Descripción  Off switch - RS20-US-S0200-0102-014H-001
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo 

3069706 Datasheet(HTML) 1 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/pi/products/3069706
11/22/2018   Page 1 / 5
Off switch - RS20-US-S0200-0102-014H-001 - 3069706
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Off switch, connection method: Screw connection, number of positions: 1, function: 0 ‑ 1, switching zones: 1,
switching program number: S0200, rated continuous current: 20 A, voltage: 690 V
Your advantages
 The compact rotary switch is designed for use in energy technology applications with the available switching programs
 The use of high-quality materials results in a long mechanical and electrical service life
 Comprehensive approvals ensure international use
 High level of safety thanks to non-conductive plastic parts
 The terminal points are designed in such a way that shock protection according to BGV A2 is ensured
 The rotary switch is free from cadmium and compliant with the RoHS directive
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356771528
Technical data
General
Number of connections
4
Color
silver/black
Rotary switch function
0 ‑ 1
Switching program number
S0200
Switching angle
60 °
Rated continuous current
20 A
Maximum load current
20 A
Rated surge voltage
6 kV
Rated insulation voltage
690 V (Valid for networks with grounded neutral point, overvoltage
category III, degree of pollution 3)


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn