Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N5401RL1 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza 2N5401RL1
Descripción Electrónicos  Amplifier Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5401RL1 Datasheet(HTML) 4 Page - ON Semiconductor

  2N5401RL1 Datasheet HTML 1Page - ON Semiconductor 2N5401RL1 Datasheet HTML 2Page - ON Semiconductor 2N5401RL1 Datasheet HTML 3Page - ON Semiconductor 2N5401RL1 Datasheet HTML 4Page - ON Semiconductor 2N5401RL1 Datasheet HTML 5Page - ON Semiconductor 2N5401RL1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N5401
http://onsemi.com
4
Figure 4. “On” Voltages
IC, COLLECTOR CURRENT (mA)
0.4
0.6
0.7
1.0
0.2
Figure 5. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
0
TJ = 25°C
VCE(sat) @ IC/IB = 10
2.5
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
100
TJ = 25°C
Cibo
Figure 6. Switching Time Test Circuit
VR, REVERSE VOLTAGE (VOLTS)
0.9
0.8
0.5
0.3
0.1
VBE(sat) @ IC/IB = 10
0.3
3.0
30
Figure 7. Capacitances
10.2 V
Vin
10 ms
INPUT PULSE
VBB
+8.8 V
100
RB
5.1 k
0.25 mF
Vin
100
1N914
Vout
RC
VCC
−30 V
3.0 k
tr, tf ≤ 10 ns
DUTY CYCLE = 1.0%
Values Shown are for IC @ 10 mA
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
0.3
3.0
30
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
−2.5
TJ = −55°C to 135°C
qVC for VCE(sat)
qVB for VBE(sat)
Cobo
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
0.2
0.5
1.0
2.0
5.0
10
20
0.3
3.0
0.7
7.0
1000
100
200
300
500
700
10
20
30
50
70
0.2
0.5
1.0
2.0
5.0
10
20
0.3
3.0
30 50
100
200
IC, COLLECTOR CURRENT (mA)
Figure 8. Turn−On Time
IC/IB = 10
TJ = 25°C
td @ VBE(off) = 1.0 V
VCC = 120 V
tr @ VCC = 30 V
tr @ VCC = 120 V
2000
100
200
300
500
700
20
30
50
70
0.2
0.5
1.0
2.0
5.0
10
20
0.3
3.0
30 50
100
200
IC, COLLECTOR CURRENT (mA)
Figure 9. Turn−Off Time
1000
tf @ VCC = 120 V
tf @ VCC = 30 V
ts @ VCC = 120 V
IC/IB = 10
TJ = 25°C


Número de pieza similar - 2N5401RL1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N5401RL1 ONSEMI-2N5401RL1 Datasheet
83Kb / 6P
   Amplifier Transistors PNP Silicon
December, 2005 ??Rev. 1
2N5401RL1G ONSEMI-2N5401RL1G Datasheet
83Kb / 6P
   Amplifier Transistors PNP Silicon
December, 2005 ??Rev. 1
More results

Descripción similar - 2N5401RL1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com