Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2N6056 Datasheet(PDF) 6 Page - ON Semiconductor |
|
2N6056 Datasheet(HTML) 6 Page - ON Semiconductor |
6 / 8 page 2N6056 http://onsemi.com 6 PACKAGE DIMENSIONS NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. ALL RULES AND NOTES ASSOCIATED WITH REFERENCED TO-204AA OUTLINE SHALL APPLY. STYLE 1: PIN 1. BASE 2. EMITTER CASE: COLLECTOR DIM MIN MAX MIN MAX MILLIMETERS INCHES A 1.550 REF 39.37 REF B --- 1.050 --- 26.67 C 0.250 0.335 6.35 8.51 D 0.038 0.043 0.97 1.09 E 0.055 0.070 1.40 1.77 G 0.430 BSC 10.92 BSC H 0.215 BSC 5.46 BSC K 0.440 0.480 11.18 12.19 L 0.665 BSC 16.89 BSC N --- 0.830 --- 21.08 Q 0.151 0.165 3.84 4.19 U 1.187 BSC 30.15 BSC V 0.131 0.188 3.33 4.77 A N E C K –T– SEATING PLANE 2 PL D M Q M 0.13 (0.005) Y M T M Y M 0.13 (0.005) T –Q– –Y– 2 1 U L G B V H CASE 1–07 TO–204AA (TO–3) ISSUE Z |
Número de pieza similar - 2N6056 |
|
Descripción similar - 2N6056 |