Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N6045 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza 2N6045
Descripción Electrónicos  Plastic Medium-Power Complementary Silicon Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6045 Datasheet(HTML) 2 Page - ON Semiconductor

  2N6045 Datasheet HTML 1Page - ON Semiconductor 2N6045 Datasheet HTML 2Page - ON Semiconductor 2N6045 Datasheet HTML 3Page - ON Semiconductor 2N6045 Datasheet HTML 4Page - ON Semiconductor 2N6045 Datasheet HTML 5Page - ON Semiconductor 2N6045 Datasheet HTML 6Page - ON Semiconductor 2N6045 Datasheet HTML 7Page - ON Semiconductor 2N6045 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2N6040 2N6042 2N6043 2N6045
http://onsemi.com
2
*ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage
(IC = 100 mAdc, IB = 0)
2N6040, 2N6043
2N6042, 2N6045
VCEO(sus)
60
100
Vdc
Collector Cutoff Current
(VCE = 60 Vdc, IB = 0)
2N6040, 2N6043
(VCE = 100 Vdc, IB = 0)
2N6042, 2N6045
ICEO
20
20
µA
Collector Cutoff Current
(VCE = 60 Vdc, VBE(off) = 1.5 Vdc)
2N6040, 2N6043
(VCE = 100 Vdc, VBE(off) = 1.5 Vdc)
2N6042, 2N6045
(VCE = 60 Vdc, VBE(off) = 1.5 Vdc, TC = 150_C)
2N6040, 2N6043
(VCE = 80 Vdc, VBE(off) = 1.5 Vdc, TC = 150_C)
2N6041, 2N6044
(VCE = 100 Vdc, VBE(off) = 1.5 Vdc, TC = 150_C)
2N6042, 2N6045
ICEX
20
20
200
200
200
µA
Collector Cutoff Current
(VCB = 60 Vdc, IE = 0)
2N6040, 2N6043
(VCB = 100 Vdc, IE = 0)
2N6042, 2N6045
ICBO
20
20
µA
Emitter Cutoff Current (VBE = 5.0 Vdc, IC = 0)
IEBO
2.0
mAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 4.0 Adc, VCE = 4.0 Vdc)
2N6040, 2N6043,
(IC = 3.0 Adc, VCE = 4.0 Vdc)
2N6042, 2N6045
(IC = 8.0 Adc, VCE = 4.0 Vdc)
All Types
hFE
1000
1000
100
20.000
20,000
Collector–Emitter Saturation Voltage
(IC = 4.0 Adc, IB = 16 mAdc)
2N6040, 2N6043,
(IC = 3.0 Adc, IB = 12 mAdc)
2N6042, 2N6045
(IC = 8.0 Adc, IB = 80 Adc)
All Types
VCE(sat)
2.0
2.0
4.0
Vdc
Base–Emitter Saturation Voltage (IC = 8.0 Adc, IB = 80 mAdc)
VBE(sat)
4.5
Vdc
Base–Emitter On Voltage (IC = 4.0 Adc, VCE = 4.0 Vdc)
VBE(on)
2.8
Vdc
DYNAMIC CHARACTERISTICS
Small Signal Current Gain (IC = 3.0 Adc, VCE = 4.0 Vdc, f = 1.0 MHz)
|hfe|
4.0
Output Capacitance
2N6040/2N6042
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
2N6043/2N6045
Cob
300
200
pF
Small–Signal Current Gain (IC = 3.0 Adc, VCE = 4.0 Vdc, f = 1.0 kHz)
hfe
300
*Indicates JEDEC Registered Data.
Figure 2. Switching Times Equivalent Circuit
5.0
0.1
Figure 3. Switching Times
IC, COLLECTOR CURRENT (AMP)
2.0
1.0
0.5
0.05
0.2 0.3
0.5 0.7 1.0
2.0 3.0
10
0.3
0.7
tf
tr
ts
td @ VBE(off) = 0 V
V2
approx
+8.0 V
V1
approx
-12 V
tr, tf ≤ 10 ns
DUTY CYCLE = 1.0%
25 µs
0
RB
51
D1
+4.0 V
VCC
-30 V
RC
TUT
≈ 8.0 k ≈ 120
SCOPE
for td and tr, D1 is disconnected
and V2 = 0
For NPN test circuit reverse all polarities and D1.
RB & RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
D1 MUST BE FAST RECOVERY TYPE, eg:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
3.0
0.2
0.1
0.07
5.0 7.0
VCC = 30 V
IC/IB = 250
IB1 = IB2
TJ = 25°C
PNP
NPN


Número de pieza similar - 2N6045

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
2N6045 MOSPEC-2N6045 Datasheet
199Kb / 4P
   POWER TRANSISTORS(10A,80W)
logo
New Jersey Semi-Conduct...
2N6045 NJSEMI-2N6045 Datasheet
116Kb / 1P
   NPN DARLINGTON TRANSISTOR
logo
ON Semiconductor
2N6045 ONSEMI-2N6045 Datasheet
174Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
April, 2002 ??Rev. 4
logo
Savantic, Inc.
2N6045 SAVANTIC-2N6045 Datasheet
141Kb / 3P
   Silicon NPN Power Transistors
logo
Boca Semiconductor Corp...
2N6045 BOCA-2N6045 Datasheet
205Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Descripción similar - 2N6045

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Boca Semiconductor Corp...
TIP110 BOCA-TIP110 Datasheet
153Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
2N6040 ONSEMI-2N6040_14 Datasheet
152Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 10
TIP120 ONSEMI-TIP120_14 Datasheet
144Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 9
logo
Motorola, Inc
BDX53B MOTOROLA-BDX53B Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
New Jersey Semi-Conduct...
MJE2100 NJSEMI-MJE2100 Datasheet
144Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP110 ONSEMI-TIP110_14 Datasheet
148Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 8
BDX53B ONSEMI-BDX53B_14 Datasheet
115Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 15
BDX53B ONSEMI-BDX53B_06 Datasheet
87Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
February, 2006 ??Rev. 12
logo
New Jersey Semi-Conduct...
MJE1090 NJSEMI-MJE1090 Datasheet
143Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP120 ONSEMI-TIP120_05 Datasheet
91Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
September, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8