Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N6397 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza 2N6397
Descripción Electrónicos  Silicon Controlled Rectifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6397 Datasheet(HTML) 4 Page - ON Semiconductor

  2N6397 Datasheet HTML 1Page - ON Semiconductor 2N6397 Datasheet HTML 2Page - ON Semiconductor 2N6397 Datasheet HTML 3Page - ON Semiconductor 2N6397 Datasheet HTML 4Page - ON Semiconductor 2N6397 Datasheet HTML 5Page - ON Semiconductor 2N6397 Datasheet HTML 6Page - ON Semiconductor 2N6397 Datasheet HTML 7Page - ON Semiconductor 2N6397 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2N6394 Series
http://onsemi.com
4
1.0
0.02
0.03
0.05
0.07
0.1
100
0.2
0.3
0.5
0.7
0.2 0.3
0.5
1.0
2.0
1.2
0.1
ZθJC(t) = RθJC r(t)
1.0
60
SURGE IS PRECEDED AND
FOLLOWED BY RATED CURRENT
TJ = 125°C
f = 60 Hz
NUMBER OF CYCLES
70
80
90
100
20
2.0
3.0
4.0
6.0
8.0
10
0.1
0.4
0.01
t, TIME (ms)
3.0
5.0
50
0.2
0.3
0.5
0.7
7.0
5.0
1.0
2.0
10
50
3.0
20
30
70
vTH, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
2.8
4.4
3.6
5.2
6.0
2.0
30
50
100
200 300 500
2.0 k
10
3.0 k 5.0 k
10 k
1.0 k
TJ = 25°C
125°C
1 CYCLE
55
65
75
85
95
Figure 3. On–State Characteristics
Figure 4. Maximum Non–Repetitive Surge Current
Figure 5. Thermal Response


Número de pieza similar - 2N6397

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
2N6397 MOTOROLA-2N6397 Datasheet
112Kb / 6P
   SCRs 12 AMPERES RMS 50 thru 800 VOLTS
logo
ON Semiconductor
2N6397 ONSEMI-2N6397 Datasheet
63Kb / 5P
   Silicon Controlled Rectifiers SCRs 12 AMPERES RMS 50 thru 800 VOLTS
August, 2006 ??Rev. 6
logo
New Jersey Semi-Conduct...
2N6397 NJSEMI-2N6397 Datasheet
153Kb / 1P
   CASE TO-220AB
2N6397 NJSEMI-2N6397 Datasheet
165Kb / 2P
   SILICON CONTROLLED RECTIFIERS
logo
Digitron Semiconductors
2N6397 DIGITRON-2N6397 Datasheet
319Kb / 5P
   SILICON CONTROLLED RECTIFIER
More results

Descripción similar - 2N6397

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com