Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SBC9-103-121 Datasheet(PDF) 6 Page - Kemet Corporation

No. de Pieza. SBC9-103-121
Descripción  Conformally Coated SBC Coils
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo 

SBC9-103-121 Datasheet(HTML) 6 Page - Kemet Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
L9007_SBC • 9/18/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Through-Hole Inductors – Conformally Coated SBC Coils
Performance Characteristics
Series
Item
Performance Characteristics
SBC1
Operating temperature
–20°C to +105°C (including self-temperature rise)
Rated inductance range
1 – 1,500 µH at 10 kHz, 1 mA
Inductance tolerance
±10% – ±20%
Rated DC resistance range
0.03 – 8.00 Ω maximum
Rated current range
0.18 – 3.10 A
SBC2
Operating temperature
–20°C to +105°C (including self-temperature rise)
Rated inductance range
1 – 3,300 µH at 10 kHz, 1 mA
Inductance tolerance
±10% – ±20%
Rated DC resistance range
0.01 – 13.80 Ω maximum
Rated current range
0.09 – 6.10 A
SBC3
Operating temperature
–20°C to +105°C (including self-temperature rise)
Rated inductance range
1.2 – 6,800 µH at 10 kHz, 1 mA
Inductance tolerance
±10% – ±20%
Rated DC resistance range
0.01 – 14.50 Ω maximum
Rated current range
0.11 – 7.50 A
SBC4
Operating temperature
–20°C to +105°C (including self-temperature rise)
Rated inductance range
1 – 10,000 µH at 10 kHz, 1 mA
Inductance tolerance
±10% – ±20%
Rated DC resistance range
0.01 – 19.50 Ω maximum
Rated current range
0.11 – 7.40 A
SBC6
Operating temperature
–20°C to +105°C (including self-temperature rise)
Rated inductance range
1 – 10,000 µH at 10 kHz, 1 mA
Inductance tolerance
±10% – ±20%
Rated DC resistance range
0.01 – 13.60 Ω maximum
Rated current range
0.16 – 9.60 A
SBC7
Operating temperature
–20°C to +105°C (including self-temperature rise)
Rated inductance range
6.8 – 10,000 µH at 10 kHz, 1 mA
Inductance tolerance
±10% – ±20%
Rated DC resistance range
0.02 – 10.30 Ω maximum
Rated current range
0.19 – 6.10 A
SBC8
Operating temperature
–20°C to +105°C (including self-temperature rise)
Rated inductance range
4.7 – 10,000 µH at 10 kHz, 1 mA
Inductance tolerance
±10% – ±20%
Rated DC resistance range
0.01 – 6.90 Ω maximum
Rated current range
0.25 – 9.20 A
SBC9
Operating temperature
–20°C to +105°C (including self-temperature rise)
Rated inductance range
1 – 10,000 µH at 10 kHz, 1 mA
Inductance tolerance
±10% – ±20%
Rated DC resistance range
0.01 – 16.10 Ω maximum
Rated current range
0.12 – 9.80 A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn