Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SBC9-103-121 Datasheet(PDF) 7 Page - Kemet Corporation

No. de Pieza. SBC9-103-121
Descripción  Conformally Coated SBC Coils
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo 

SBC9-103-121 Datasheet(HTML) 7 Page - Kemet Corporation

Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
L9007_SBC • 9/18/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Through-Hole Inductors – Conformally Coated SBC Coils
Table 1 – Ratings & Part Number Reference
Part
Number
Inductance
L (µH) at
10 kHz, 1
mA
Inductance
Tolerance
DC
Resistance
(Ω)
Maximum
Rated
Current
(A) ΔT =
20˚C
Current (Reference
Value) (A)
Terminal
Weight
(g)
ΔT = 40˚C
L Change
Rate −10%
Soft
Lead
Pin
Lead
SBC1-1R0-312
1.0
±20%
0.03
3.10
4.30
5.20
0.350
SBC1-1R5-292
1.5
±20%
0.03
2.90
4.00
4.00
0.500
SBC1-2R2-272
2.2
±20%
0.04
2.70
3.70
3.20
0.347
SBC1-3R3-232
3.3
±20%
0.04
2.30
3.20
2.70
0.360
SBC1-4R7-202
4.7
±20%
0.05
2.00
2.80
2.10
0.500
SBC1-6R8-182
6.8
±20%
0.06
1.80
2.50
1.90
0.500
SBC1-100-172
10.0
±20%
0.08
1.70
2.30
1.50
0.422
SBC1-150-162
15.0
±20%
0.10
1.60
2.20
1.20
0.500
SBC1-220-132
22.0
±20%
0.13
1.30
1.80
1.00
0.500
SBC1-330-102
33.0
±20%
0.22
1.00
1.40
0.83
0.500
SBC1-470-711
47.0
±10%
0.34
0.71
0.99
0.71
0.600
SBC1-680-651
68.0
±10%
0.42
0.65
0.91
0.59
0.600
SBC1-101-571
100.0
±10%
0.65
0.57
0.79
0.47
0.516
SBC1-151-431
150.0
±10%
0.65
0.57
0.79
0.47
0.600
SBC1-221-391
220.0
±10%
1.20
0.39
0.54
0.32
0.600
SBC1-331-341
330.0
±10%
1.90
0.34
0.47
0.26
0.600
SBC1-471-301
470.0
±10%
2.40
0.30
0.42
0.21
0.600
SBC1-561-291
560.0
±10%
3.40
0.29
0.40
0.20
0.520
SBC1-681-251
680.0
±10%
3.40
0.25
0.35
0.18
0.536
SBC1-102-211
1000.0
±10%
4.90
0.21
0.29
0.14
0.593
SBC1-152-181
1500.0
±10%
8.00
0.18
0.25
0.12
0.600
SBC2-1R0-612
1.0
±20%
0.01
6.10
8.50
6.40
0.610
SBC2-1R5-402
1.5
±20%
0.02
4.00
5.60
4.90
0.700
SBC2-3R3-352
3.3
±20%
0.03
3.50
4.90
4.00
0.629
SBC2-4R7-262
4.7
±20%
0.04
2.60
3.60
3.10
0.700
SBC2-6R8-242
6.8
±20%
0.05
2.40
3.30
2.70
0.675
SBC2-100-212
10.0
±20%
0.06
2.10
2.90
2.10
0.731
SBC2-150-162
15.0
±20%
0.08
1.60
2.20
1.70
0.700
SBC2-220-132
22.0
±20%
0.11
1.30
1.80
1.40
0.710
SBC2-330-112
33.0
±20%
0.18
1.10
1.50
1.20
0.700
SBC2-470-951
47.0
±10%
0.21
0.95
1.30
1.00
0.700
SBC2-680-871
68.0
±10%
0.26
0.87
1.20
0.81
0.700
SBC2-101-671
100.0
±10%
0.41
0.67
0.93
0.68
0.890
SBC2-151-501
150.0
±10%
0.64
0.50
0.70
0.55
0.900
SBC2-221-411
220.0
±10%
0.87
0.41
0.57
0.45
0.900
SBC2-331-341
330.0
±10%
1.40
0.34
0.47
0.37
0.900
SBC2-471-271
470.0
±10%
2.00
0.27
0..37
0.32
0.900
SBC2-681-211
680.0
±10%
3.10
0.21
0.29
0.26
0.900
SBC2-102-181
1000.0
±10%
4.00
0.18
0.25
0.21
0.940
SBC2-152-141
1500.0
±10%
6.20
0.14
0.19
0.17
0.900
SBC2-222-121
2200.0
±10%
8.00
0.12
0.16
0.14
0.900
SBC2-272-101
2700.0
±10%
11.60
0.10
0.14
0.13
0.900
SBC2-332-900
3300.0
±10%
13.80
0.09
0.12
0.11
0.900
SBC3-1R2-752
1.2
±20%
0.01
7.50
10.50
9.80
1.600
SBC3-1R5-632
1.5
±20%
0.01
6.30
8.80
8.30
1.600
SBC3-2R2-602
2.2
±20%
0.02
6.00
8.40
7.20
1.600
SBC3-3R3-472
3.3
±20%
0.02
4.70
6.50
5.60
1.600
SBC3-4R7-422
4.7
±20%
0.02
4.20
5.80
4.60
1.600
SBC3-6R8-392
6.8
±20%
0.03
3.90
5.40
4.00
1.600
SBC3-100-362
10.0
±20%
0.03
3.60
5.00
3.00
1.650
SBC3-150-232
15.0
±20%
0.05
2.30
3.20
2.60
1.600
SBC3-220-202
22.0
±20%
0.06
2.00
2.80
2.10
1.600
SBC3-330-172
33.0
±20%
0.09
1.70
2.30
1.80
1.600
SBC3-470-142
47.0
±10%
0.12
1.40
1.90
1.40
1.610
SBC3-680-112
68.0
±10%
0.19
1.10
1.50
1.20
1.550
SBC3-101-961
100.0
±10%
0.26
0.96
1.30
1.00
1.536
SBC3-151-791
150.0
±10%
0.36
0.79
1.10
0.81
1.600
SBC3-221-681
220.0
±10%
0.49
0.68
0.95
0.67
1.791
Part Number
Inductance
L (µH)
at 10 kHz, 1 mA
Inductance
Tolerance
DC Resistance
(Ω) Maximum
Rated
Current (A)
ΔT = 20˚C
Current (Reference Value) (A)
Terminal
Weight
(g)
ΔT = 40˚C
L Change
Rate −10%
Soft Lead Pin Lead


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn