Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SBC9-103-121 Datasheet(PDF) 8 Page - Kemet Corporation

No. de Pieza. SBC9-103-121
Descripción  Conformally Coated SBC Coils
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo 

SBC9-103-121 Datasheet(HTML) 8 Page - Kemet Corporation

 
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
L9007_SBC • 9/18/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Through-Hole Inductors – Conformally Coated SBC Coils
Table 1 – Ratings & Part Number Reference cont’d
Part
Number
Inductance
L (µH) at
10 kHz, 1
mA
Inductance
Tolerance
DC
Resistance
(Ω)
Maximum
Rated
Current
(A) ΔT =
20˚C
Current (Reference
Value) (A)
Terminal
Weight
(g)
ΔT = 40˚C
L Change
Rate −10%
Soft
Lead
Pin
Lead
SBC3-331-551
330.0
±10%
0.72
0.55
0.77
0.53
1.880
SBC3-471-491
470.0
±10%
1.02
0.49
0.68
0.46
1.850
SBC3-561-421
560.0
±10%
1.20
0.42
0.58
0.42
1.790
SBC3-681-361
680.0
±10%
1.62
0.36
0.50
0.38
1.800
SBC3-102-281
1000.0
±10%
2.37
0.28
0.39
0.31
1.686
SBC3-122-281
1200.0
±10%
2.70
0.28
0.39
0.28
1.750
SBC3-152-251
1500.0
±10%
3.64
0.25
0.35
0.26
1.746
SBC3-222-191
2200.0
±10%
5.62
0.19
0.26
0.21
1.800
SBC3-332-151
3300.0
±10%
7.66
0.15
0.21
0.17
1.800
SBC3-472-121
4700.0
±10%
11.40
0.12
0.16
0.14
1.800
SBC3-682-111
6800.0
±10%
14.50
0.11
0.15
0.12
1.800
SBC4-1R0-742
1.0
±20%
0.01
7.40
10.30
14.90
1.980
SBC4-1R5-712
1.5
±20%
0.01
7.10
9.90
12.60
2.400
SBC4-2R7-662
2.7
±20%
0.02
6.60
9.20
9.60
2.080
SBC4-3R3-642
3.3
±20%
0.02
6.40
8.90
8.60
2.180
SBC4-4R7-582
4.7
±20%
0.02
5.80
8.10
7.10
2.070
SBC4-6R8-452
6.8
±20%
0.03
4.50
6.30
5.60
1.972
SBC4-100-292
10.0
±20%
0.04
2.90
4.00
4.60
1.910
SBC4-150-232
15.0
±20%
0.06
2.30
3.20
4.00
1.880
SBC4-220-202
22.0
±20%
0.07
2.00
2.80
3.20
1.950
SBC4-330-182
33.0
±20%
0.09
1.80
2.50
2.60
2.400
SBC4-470-162
47.0
±10%
0.11
1.60
2.20
2.10
2.424
SBC4-680-122
68.0
±10%
0.19
1.20
1.60
1.80
2.050
SBC4-101-102
100.0
±10%
0.26
1.00
1.40
1.50
2.012
SBC4-151-861
150.0
±10%
0.36
0.86
1.20
1.20
2.164
SBC4-221-721
220.0
±10%
0.47
0.72
1.00
1.00
2.490
SBC4-331-591
330.0
±10%
0.67
0.59
0.82
0.81
2.600
SBC4-471-491
470.0
±10%
0.95
0.49
0.68
0.68
2.620
SBC4-681-431
680.0
±10%
1.32
0.43
0.60
0.57
2.600
SBC4-102-291
1000.0
±10%
2.15
0.29
0.40
0.47
2.600
SBC4-152-221
1500.0
±10%
3.24
0.22
0.30
0.38
2.400
SBC4-222-211
2200.0
±10%
4.97
0.21
0.29
0.32
2.600
SBC4-332-161
3300.0
±10%
7.69
0.16
0.22
0.26
2.600
SBC4-472-141
4700.0
±10%
9.78
0.14
0.19
0.21
2.600
SBC4-682-111
6800.0
±10%
15.00
0.11
0.15
0.18
2.600
SBC4-103-111
10000.0
±10%
19.50
0.11
0.15
0.14
2.590
SBC6-1R0-962
1.0
±20%
0.01
9.60
13.40
37.70
4.500
SBC6-1R5-942
1.5
±20%
0.01
9.40
13.10
30.90
4.770
SBC6-2R7-872
2.7
±20%
0.01
8.70
12.10
22.60
4.820
SBC6-3R3-852
3.3
±20%
0.01
8.50
11.90
20.00
5.641
SBC6-4R7-802
4.7
±20%
0.01
8.00
11.20
16.10
6.230
SBC6-6R8-662
6.8
±20%
0.02
6.60
9.20
13.60
5.650
SBC6-100-462
10.0
±20%
0.03
4.60
6.40
10.90
5.030
SBC6-150-382
15.0
±20%
0.03
3.80
5.30
9.10
4.769
SBC6-220-302
22.0
±20%
0.05
3.00
4.20
7.50
4.630
SBC6-330-272
33.0
±20%
0.06
2.70
3.70
6.10
4.855
SBC6-470-232
47.0
±10%
0.08
2.30
3.20
5.00
5.400
SBC6-680-222
68.0
±10%
0.09
2.20
3.00
4.10
5.930
SBC6-101-172
100.0
±10%
0.13
1.70
2.30
3.50
5.860
SBC6-151-122
150.0
±10%
0.23
1.20
1.60
2.80
5.402
SBC6-221-112
220.0
±10%
0.33
1.10
1.50
2.30
5.810
SBC6-331-871
330.0
±10%
0.41
0.87
1.20
1.90
5.769
SBC6-471-701
470.0
±10%
0.63
0.70
0.98
1.60
5.560
SBC6-681-631
680.0
±10%
0.98
0.63
0.88
1.30
5.700
SBC6-102-561
1000.0
±10%
1.21
0.56
0.78
1.10
6.117
SBC6-152-451
1500.0
±10%
1.80
0.45
0.63
0.90
6.500
SBC6-222-351
2200.0
±10%
2.63
0.35
0.49
0.73
6.500
SBC6-332-281
3300.0
±10%
4.24
0.28
0.39
0.61
6.500
Part Number
Inductance
L (µH)
at 10 kHz, 1 mA
Inductance
Tolerance
DC Resistance
(Ω) Maximum
Rated
Current (A)
ΔT = 20˚C
Current (Reference Value) (A)
Terminal
Weight
(g)
ΔT = 40˚C
L Change
Rate −10%
Soft Lead Pin Lead


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn