Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SBC9-103-121 Datasheet(PDF) 9 Page - Kemet Corporation

No. de Pieza. SBC9-103-121
Descripción  Conformally Coated SBC Coils
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo 

SBC9-103-121 Datasheet(HTML) 9 Page - Kemet Corporation

 
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
L9007_SBC • 9/18/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Through-Hole Inductors – Conformally Coated SBC Coils
Table 1 – Ratings & Part Number Reference cont’d
Part
Number
Inductance
L (µH) at
10 kHz, 1
mA
Inductance
Tolerance
DC
Resistance
(Ω)
Maximum
Rated
Current
(A) ΔT =
20˚C
Current (Reference
Value) (A)
Terminal
Weight
(g)
ΔT = 40˚C
L Change
Rate −10%
Soft
Lead
Pin
Lead
SBC6-472-241
4700.0
±10%
5.92
0.24
0.33
0.50
6.232
SBC6-682-181
6800.0
±10%
8.92
0.18
0.25
0.42
6.068
SBC6-103-161
10000.0
±10%
13.60
0.16
0.22
0.35
5.875
SBC7-6R8-612
6.8
±20%
0.02
6.10
8.50
13.90
8.000
SBC7-100-532
10.0
±20%
0.02
5.30
7.20
11.80
8.000
SBC7-150-482
15.0
±20%
0.03
4.80
6.70
9.60
8.000
SBC7-220-432
22.0
±20%
0.03
4.30
6.00
7.80
8.870
SBC7-330-342
33.0
±20%
0.05
3.40
4.70
6.20
8.000
SBC7-470-282
47.0
±10%
0.06
2.80
3.90
5.20
8.000
SBC7-680-222
68.0
±10%
0.09
2.20
3.00
4.50
7.715
SBC7-101-192
100.0
±10%
0.12
1.90
2.60
3.60
8.440
SBC7-151-172
150.0
±10%
0.16
1.70
2.30
2.90
8.000
SBC7-221-132
220.0
±10%
0.25
1.30
1.80
2.40
8.730
SBC7-331-941
330.0
±10%
0.45
0.94
1.30
2.00
8.000
SBC7-471-851
470.0
±10%
0.55
0.85
1.10
1.60
8.000
SBC7-681-701
680.0
±10%
0.81
0.70
0.98
1.40
8.000
SBC7-102-541
1000.0
±10%
1.20
0.54
0.75
1.10
8.974
SBC7-152-481
1500.0
±10%
1.58
0.48
0.67
0.93
10.000
SBC7-222-421
2200.0
±10%
2.18
0.42
0.58
0.77
10.000
SBC7-332-361
3300.0
±10%
3.51
0.36
0.50
0.63
10.000
SBC7-472-281
4700.0
±10%
4.83
0.28
0.39
0.53
10.000
SBC7-682-211
6800.0
±10%
7.00
0.21
0.29
0.44
10.000
SBC7-103-191
10000.0
±10%
10.30
0.19
0.26
0.36
10.000
SBC8-4R7-922
4.7
±20%
0.01
9.20
12.80
16.80
10.000
SBC8-6R8-862
6.8
±20%
0.02
8.60
12.00
13.90
10.010
SBC8-100-692
10.0
±20%
0.02
6.90
9.60
11.80
10.257
SBC8-150-532
15.0
±20%
0.03
5.30
7.40
9.60
11.000
SBC8-220-492
22.0
±20%
0.03
4.90
6.80
7.80
12.200
SBC8-330-452
33.0
±20%
0.04
4.50
6.30
6.50
12.540
SBC8-470-372
47.0
±10%
0.04
3.70
5.10
5.40
12.877
SBC8-680-322
68.0
±10%
0.06
3.20
4.40
4.30
12.581
SBC8-820-262
82.0
±10%
0.07
2.60
3.60
4.10
10.000
SBC8-101-242
100.0
±10%
0.09
2.40
3.30
3.50
10.022
SBC8-151-202
150.0
±10%
0.15
2.00
2.80
3.00
11.190
SBC8-221-182
220.0
±10%
0.17
1.80
2.50
2.40
11.000
SBC8-331-142
330.0
±10%
0.25
1.40
1.90
2.00
12.500
SBC8-391-122
390.0
±10%
0.37
1.20
1.60
1.90
12.000
SBC8-471-112
470.0
±10%
0.42
1.10
1.50
1.60
11.000
SBC8-681-102
680.0
±10%
0.52
1.00
1.40
1.30
12.200
SBC8-102-761
1000.0
±10%
0.78
0.76
1.00
1.10
12.328
SBC8-152-581
1500.0
±10%
1.30
0.58
0.81
0.92
13.000
SBC8-222-471
2200.0
±10%
1.80
0.47
0.67
0.78
13.000
SBC8-332-421
3300.0
±10%
2.50
0.42
0.58
0.63
13.000
SBC8-472-391
4700.0
±10%
3.20
0.39
0.54
0.53
13.000
SBC8-682-311
6800.0
±10%
4.90
0.31
0.43
0.44
13.000
SBC8-103-251
10000.0
±10%
6.90
0.25
0.35
0.36
13.000
SBC9-1R0-982
1.0
±20%
0.01
9.80
13.70
31.10
4.040
SBC9-1R5-942
1.5
±20%
0.01
9.40
13.10
25.40
4.500
SBC9-2R2-792
2.2
±20%
0.01
7.90
11.00
21.50
4.500
SBC9-3R3-622
3.3
±20%
0.02
6.20
8.60
16.40
4.500
SBC9-4R7-562
4.7
±20%
0.02
5.60
7.80
14.70
4.500
SBC9-6R8-492
6.8
±20%
0.03
4.90
6.80
12.10
3.930
SBC9-100-422
10.0
±20%
0.03
4.20
5.80
9.60
4.070
SBC9-150-362
15.0
±20%
0.04
3.60
5.00
7.50
4.500
SBC9-220-312
22.0
±20%
0.04
3.10
4.30
6.20
4.220
SBC9-330-252
33.0
±20%
0.06
2.50
3.50
5.20
4.500
SBC9-470-202
47.0
±10%
0.09
2.00
2.80
4.30
4.500
SBC9-560-182
56.0
±10%
0.10
1.80
2.50
4.00
4.500
Part Number
Inductance
L (µH)
at 10 kHz, 1 mA
Inductance
Tolerance
DC Resistance
(Ω) Maximum
Rated
Current (A)
ΔT = 20˚C
Current (Reference Value) (A)
Terminal
Weight
(g)
ΔT = 40˚C
L Change
Rate −10%
Soft Lead Pin Lead


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn