Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SBC9-103-121 Datasheet(PDF) 10 Page - Kemet Corporation

No. de Pieza. SBC9-103-121
Descripción  Conformally Coated SBC Coils
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo 

SBC9-103-121 Datasheet(HTML) 10 Page - Kemet Corporation

 
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
L9007_SBC • 9/18/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Through-Hole Inductors – Conformally Coated SBC Coils
Table 1 – Ratings & Part Number Reference cont’d
Packaging
Series
Lead Type
Packaging
Type
Pieces per
Box
SBC1
All
Bulk
10,000
SBC2
Soft lead
Bulk
3,750
Pin lead
Bulk
8,000
SBC3
All
Bulk
4,000
SBC4
Soft lead
Bulk
3,000
Pin lead
Bulk
4,000
SBC6
Soft lead
Bulk
1,600
Pin lead
Bulk
2,000
SBC7
All
Bulk
1,000
SBC8
Soft lead
Bulk
900
Pin lead
Bulk
1,000
SBC9
All
Bulk
2,000
Part
Number
Inductance
L (µH) at
10 kHz, 1
mA
Inductance
Tolerance
DC
Resistance
(Ω)
Maximum
Rated
Current
(A) ΔT =
20˚C
Current (Reference
Value) (A)
Terminal
Weight
(g)
ΔT = 40˚C
L Change
Rate −10%
Soft
Lead
Pin
Lead
SBC9-680-152
68.0
±10%
0.15
1.50
2.10
3.70
5.200
SBC9-101-122
100.0
±10%
0.21
1.20
1.60
3.00
4.500
SBC9-151-112
150.0
±10%
0.26
1.10
1.50
2.40
4.500
SBC9-221-821
220.0
±10%
0.41
0.82
1.10
2.00
4.500
SBC9-331-671
330.0
±10%
0.58
0.67
0.93
1.60
4.480
SBC9-471-601
470.0
±10%
0.82
0.60
0.84
1.30
5.200
SBC9-681-551
680.0
±10%
1.05
0.55
0.77
1.10
4.650
SBC9-102-451
1000.0
±10%
1.53
0.45
0.63
0.87
5.200
SBC9-152-341
1500.0
±10%
2.49
0.34
0.47
0.72
5.200
SBC9-222-271
2200.0
±10%
3.78
0.27
0.38
0.60
4.500
SBC9-332-221
3300.0
±10%
5.68
0.22
0.31
0.48
5.200
SBC9-472-181
4700.0
±10%
8.20
0.18
0.25
0.40
5.200
SBC9-682-141
6800.0
±10%
12.70
0.14
0.20
0.34
5.200
SBC9-103-121
10000.0
±10%
16.10
0.12
0.17
0.28
5.200
Part Number
Inductance
L (µH)
at 10 kHz, 1 mA
Inductance
Tolerance
DC Resistance
(Ω) Maximum
Rated
Current (A)
ΔT = 20˚C
Current (Reference Value) (A)
Terminal
Weight
(g)
ΔT = 40˚C
L Change
Rate −10%
Soft Lead Pin Lead


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn