Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SBC9-103-121 Datasheet(PDF) 11 Page - Kemet Corporation

No. de Pieza. SBC9-103-121
Descripción  Conformally Coated SBC Coils
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo 

SBC9-103-121 Datasheet(HTML) 11 Page - Kemet Corporation

 
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
L9007_SBC • 9/18/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Through-Hole Inductors – Conformally Coated SBC Coils
Handling Precautions
Inductors should be stored in normal working environments. While the inductors themselves are quite robust in other
environments, solderability will be degraded by exposure to high temperatures, high humidity, corrosive atmospheres,
and long-term storage.
KEMET recommends that maximum storage temperature not exceed 40°C and maximum storage humidity not exceed 70%
relative humidity. Atmospheres should be free of chlorine and sulfur-bearing compounds. Temperature fluctuations should
be minimized to avoid condensation on the parts. For optimized solderability, inductors’ stock should be used promptly,
preferably within six months of receipt.
Export Control
For customers in Japan
For products which are controlled items subject to the “Foreign Exchange and Foreign Trade Law” of Japan, the export
license specified by the law is required for export.
For customers outside Japan
Inductors should not be used, or sold for use, in the development, production, stockpiling or utilization of any conventional
weapons or mass-destruction weapons (nuclear, chemical, biological weapons or missiles), or any other weapons.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn