Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HLMP-RL11 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard) |
|
HLMP-RL11 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard) |
3 / 7 page 3 Absolute Maximum Ratings at TA = 25˚C Parameter Blue and Green Red and Amber DC Forward Current[1] 30 mA 50 mA Peak Pulsed Forward Current 100 mA 100 mA Average Forward Current 30 mA 30 mA Reverse Voltage (IR = 100 µA) 5 V 5 V Power Dissipation 120 mW 120 mW LED Junction Temperature 100˚C 110˚C Operating Temperature Range –40˚C to +80˚C –40˚C to +100˚C Storage Temperature Range –40˚C to +100˚C –40˚C to +120˚C Wave Soldering Temperature 250˚C for 3 sec. 250˚C for 3 sec. Note: 1. Derate linearly as shown in Figure 6 and 7. Electrical/Optical Characteristics at TA = 25˚C Parameter Symbol Min. Typ. Max. Units Test Conditions Typical Viewing Angle Major 2 θ1/2 120 deg Minor 60 Forward Voltage VF IF = 20 mA Amber ( λd = 592 nm) 2.15 2.5 V Red ( λd = 630 nm) 2.00 2.5 Blue ( λd = 472 nm) 3.5 4.0 Green ( λd = 526 nm) 3.5 4.0 Reverse Voltage Amber, Red VR 520 V IR = 100 µA Blue, Green 5 — IR = 10 µA Peak Wavelength Peak of Wavelength Amber ( λd = 592 nm) λpeak 594 nm of Spectral Distribution Red ( λd = 630 nm) 639 at IF = 20 mA Blue ( λd = 472 nm) 470 Green ( λd = 526 nm) 524 Spectral Halfwidth Wavelength Width Amber ( λd = 592 nm) ∆λ1/2 17 nm at Spectral Distribution Red ( λd = 630 nm) 17 1/2 Power Point at Blue ( λd = 472 nm) 35 IF = 20 mA Green ( λd = 526 nm) 47 Capacitance VF = 0, F = 1 MHz Amber, Red C 40 pF Blue, Green 43 Luminous Efficacy Emitted Luminous Amber ( λd = 592 nm) ηv 500 lm/W Power/Emitted Radiant Red ( λd = 630 nm) 155 Power at IF = 20 mA Blue ( λd = 472 nm) 75 Green ( λd = 526 nm) 520 Thermal Resistance R θJ-PIN 240 ˚C/W LED Junction-to-Cathode Lead Notes: 1. 2 θ1/2 is the off-axis angle where the luminous intensity is 1/2 the on-axis intensity. 2. The radiant intensity, Ie in watts per steradian, may be found from the equation Ie = Iv/ ηv where Iv is the luminous intensity in candelas and ηv is the luminous efficacy in lumens/watt. 3. The luminous intensity is measured on the mechanical axis of the lamp package. 4. The optical axis is closely aligned with the package mechanical axis. 5. The dominant wavelength λd is derived from the CIE Chromaticity Diagram and represents the color of the lamp. |
Número de pieza similar - HLMP-RL11 |
|
Descripción similar - HLMP-RL11 |