Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC5759 Datasheet(PDF) 4 Page - Hitachi Semiconductor

No. de pieza 2SC5759
Descripción Electrónicos  Silicon NPN Epitaxial UHF / VHF wide band amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5759 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SC5759 Datasheet HTML 1Page - Hitachi Semiconductor 2SC5759 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5759 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5759 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5759 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5759 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5759 Datasheet HTML 7Page - Hitachi Semiconductor 2SC5759 Datasheet HTML 8Page - Hitachi Semiconductor 2SC5759 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2SC5759
4
1
5
10
50
100
10
1
10
100
3
5
0
1
20
100
Power Gain vs. Collector Current
Collector Current
I
(mA)
C
Noise Figure vs. Collector Current
25
50
4
8
12
16
20
0
25
20
50
0
4
8
12
16
20
Collector Current
I
(mA)
C
2
20
4
2
1
S
Parameter vs. Collector Current
21
Collector Current
I
(mA)
C
3 V
f = 900 MHz
V
= 5 V
CE
V
= 5 V
CE
3 V
V
= 3 V
CE
5 V
f = 900 MHz
f = 1 GHz


Número de pieza similar - 2SC5759

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SC5750 RENESAS-2SC5750 Datasheet
216Kb / 18P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
July 2001
2SC5750-T1 RENESAS-2SC5750-T1 Datasheet
216Kb / 18P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
July 2001
2SC5750 RENESAS-2SC5750_15 Datasheet
216Kb / 18P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (30 mW) 4-PIN SUPER MINIMOLD
logo
California Eastern Labs
2SC5751 CEL-2SC5751 Datasheet
3Mb / 16P
   MEDIUM OUTPUT POWER AMPLIFICATION (30 mW)
logo
Renesas Technology Corp
2SC5751 RENESAS-2SC5751 Datasheet
216Kb / 18P
   NPN SILICON RF TRANSISTOR
2001
More results

Descripción similar - 2SC5759

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SC5631 HITACHI-2SC5631 Datasheet
75Kb / 10P
   Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
2SC5812 HITACHI-2SC5812 Datasheet
94Kb / 10P
   Silicon NPN Epitaxial VHF/UHF wide band amplifier
logo
Renesas Technology Corp
2SC5772 RENESAS-2SC5772 Datasheet
137Kb / 13P
   Silicon NPN Epitaxial VHF/UHF wide band amplifier
2SC5631 RENESAS-2SC5631 Datasheet
118Kb / 10P
   Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
2SC5544 RENESAS-2SC5544 Datasheet
197Kb / 8P
   Silicon NPN Epitaxial VHF / UHF wide band amplifier
2SC5757 RENESAS-2SC5757 Datasheet
215Kb / 9P
   Silicon NPN Epitaxial VHF/UHF wide band amplifier
logo
Hitachi Semiconductor
2SC5773 HITACHI-2SC5773 Datasheet
91Kb / 13P
   Silicon NPN Epitaxial UHF / VHF wide band amplifier
2SC5554 HITACHI-2SC5554 Datasheet
49Kb / 8P
   Silicon NPN Epitaxial VHF / UHF wide band amplifier
logo
Renesas Technology Corp
2SC5758 RENESAS-2SC5758 Datasheet
224Kb / 9P
   Silicon NPN Epitaxial VHF / UHF Wide band amplifier
2SC5555 RENESAS-2SC5555 Datasheet
197Kb / 8P
   Silicon NPN Epitaxial VHF / UHF wide band amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com