Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC5827 Datasheet(PDF) 6 Page - Hitachi Semiconductor

No. de pieza 2SC5827
Descripción Electrónicos  Silicon NPN Epitaxial VHF/UHF wide band amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5827 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button 2SC5827 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5827 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5827 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5827 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5827 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5827 Datasheet HTML 7Page - Hitachi Semiconductor 2SC5827 Datasheet HTML 8Page - Hitachi Semiconductor 2SC5827 Datasheet HTML 9Page - Hitachi Semiconductor 2SC5827 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2SC5827
Rev.0, Nov. 2001, page 6 of 10
Scale: 8 / div.
S11 Parameter vs. Frequency
S21 Parameter vs. Frequency
Test conditions: VCE = 1 V , ZO = 50 Ω
100 to 2000 MHz (100 MHz step)
(IC = 5 mA)
(IC = 20 mA)
Test conditions: VCE = 1 V , ZO = 50 Ω
100 to 2000 MHz (100 MHz step)
(IC = 5 mA)
(IC = 20 mA)
Scale: 0.06 / div.
S12 Parameter vs. Frequency
Test conditions: VCE = 1 V , ZO = 50 Ω
100 to 2000 MHz (100 MHz step)
(IC = 5 mA)
(IC = 20 mA)
S22 Parameter vs. Frequency
Test conditions: VCE = 1 V , ZO = 50 Ω
100 to 2000 MHz (100 MHz step)
(IC = 5 mA)
(IC = 20 mA)
0
°
30
°
–30
°
–60
°
–90
°
–120
°
–150
°
180
°
60
°
90
°
120
°
150
°
0
°
30
°
–30
°
–60
°
–90
°
–120
°
–150
°
180
°
60
°
90
°
120
°
150
°
.2
.4
.6
1
2
5
–10
–5
–3
–2
–1.5
10
5
3
2
1.5
–1
–.8
–.6
–.4
–.2
0
.2
.4
.6
.8
1
4
–4
3 4
.8
1.5
.2
.4
.6
1
2
5
–10
–5
–3
–2
–1.5
10
5
3
2
1.5
–1
–.8
–.6
–.4
–.2
0
.2
.4
.6
.8
1
4
–4
3 4
.8
1.5


Número de pieza similar - 2SC5827

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SC5820 RENESAS-2SC5820 Datasheet
147Kb / 11P
   Silicon NPN Epitaxial High Frequency Low Noise Amplifier / Oscillator
logo
Sanyo Semicon Device
2SC5823 SANYO-2SC5823 Datasheet
39Kb / 4P
   Switching Regulator Applications
logo
Rohm
2SC5824 ROHM-2SC5824 Datasheet
46Kb / 4P
   Power transistor (60V, 3A)
2SC5824 ROHM-2SC5824 Datasheet
135Kb / 4P
   Power transistor (60V, 3A)
2SC5824 ROHM-2SC5824 Datasheet
940Kb / 4P
   Power transistor (60V, 3A)
More results

Descripción similar - 2SC5827

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SC5631 HITACHI-2SC5631 Datasheet
75Kb / 10P
   Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
2SC5759 HITACHI-2SC5759 Datasheet
92Kb / 13P
   Silicon NPN Epitaxial UHF / VHF wide band amplifier
2SC5812 HITACHI-2SC5812 Datasheet
94Kb / 10P
   Silicon NPN Epitaxial VHF/UHF wide band amplifier
logo
Renesas Technology Corp
2SC5772 RENESAS-2SC5772 Datasheet
137Kb / 13P
   Silicon NPN Epitaxial VHF/UHF wide band amplifier
2SC5631 RENESAS-2SC5631 Datasheet
118Kb / 10P
   Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
2SC5544 RENESAS-2SC5544 Datasheet
197Kb / 8P
   Silicon NPN Epitaxial VHF / UHF wide band amplifier
2SC5757 RENESAS-2SC5757 Datasheet
215Kb / 9P
   Silicon NPN Epitaxial VHF/UHF wide band amplifier
logo
Hitachi Semiconductor
2SC5773 HITACHI-2SC5773 Datasheet
91Kb / 13P
   Silicon NPN Epitaxial UHF / VHF wide band amplifier
2SC5554 HITACHI-2SC5554 Datasheet
49Kb / 8P
   Silicon NPN Epitaxial VHF / UHF wide band amplifier
logo
Renesas Technology Corp
2SC5758 RENESAS-2SC5758 Datasheet
224Kb / 9P
   Silicon NPN Epitaxial VHF / UHF Wide band amplifier
2SC5555 RENESAS-2SC5555 Datasheet
197Kb / 8P
   Silicon NPN Epitaxial VHF / UHF wide band amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com