Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MSM27V1655CZ Datasheet(PDF) 3 Page - OKI electronic componets

No. de pieza MSM27V1655CZ
Descripción Electrónicos  524,288-Double Word x 32-Bit or 1,048,576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OKI [OKI electronic componets]
Página de inicio  http://www.oki.com
Logo OKI - OKI electronic componets

MSM27V1655CZ Datasheet(HTML) 3 Page - OKI electronic componets

  MSM27V1655CZ Datasheet HTML 1Page - OKI electronic componets MSM27V1655CZ Datasheet HTML 2Page - OKI electronic componets MSM27V1655CZ Datasheet HTML 3Page - OKI electronic componets MSM27V1655CZ Datasheet HTML 4Page - OKI electronic componets MSM27V1655CZ Datasheet HTML 5Page - OKI electronic componets MSM27V1655CZ Datasheet HTML 6Page - OKI electronic componets MSM27V1655CZ Datasheet HTML 7Page - OKI electronic componets MSM27V1655CZ Datasheet HTML 8Page - OKI electronic componets MSM27V1655CZ Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
BLOCK DIAGRAM
FUNCTION TABLE
MSM27V1655CZ
STAND-BY
OUTPUT DISABLE
READ (16-Bit)
READ (32-Bit)
MODE
D31/A-1
CE
OE
VPP
LL
DOUT
L
L
L/H
LH
L
*
H
*
H
L
* : Don't Care
3.0V
to
3.6V
D16 - D30
D0 - D15
H
L
DOUT
Hi-Z
H
Hi-Z
*
Hi-Z
PROGRAM
LH
DIN
PROGRAM INHIBIT
H
H
Hi-Z
PROGRAM VERIFY
HL
DOUT
L
5.0V
WORD
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
CE
WORD
OE
CE
PGM
OE
Memory Matrix
Multiplexer & Page Data Latch
Output Buffer
X16/X32 Switch
A-1
In 16-bit output mode, these pins are
three-stated and pin D31 functions
as the A-1 address pin.
524,288X32-Bit or 1,048,576X16-Bit
VCC
11.0V
*
Hi-Z
Hi-Z
L/H
L/H


Número de pieza similar - MSM27V1655CZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OKI electronic componet...
MSM27V3255CZ OKI-MSM27V3255CZ Datasheet
100Kb / 13P
   1,048,576-Double Word x 32-Bit or 2,097,152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
More results

Descripción similar - MSM27V1655CZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OKI electronic componet...
MSM27C1655CZ OKI-MSM27C1655CZ Datasheet
91Kb / 12P
   524,288-Double Word x 32-Bit or 1,048,576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
MR27V3255D OKI-MR27V3255D Datasheet
56Kb / 10P
   1,048,576-Double Word x 32-Bit or 2,097,152-Word x 16-Bit 8-Double Word x 32-Bit or 16-Word x 16-Bit Page Mode One Time PROM
MSM27C3255CZ OKI-MSM27C3255CZ Datasheet
91Kb / 12P
   1,048,576-Double Word x 32-Bit or 2,097,152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
MSM27V3255CZ OKI-MSM27V3255CZ Datasheet
100Kb / 13P
   1,048,576-Double Word x 32-Bit or 2,097,152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
MR27V852D OKI-MR27V852D Datasheet
56Kb / 10P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V852E OKI-MR27V852E Datasheet
100Kb / 13P
   524,288 Word X 16 - Bit or 1,048,576 - Word X 8 - Bit 8 - Word x 16-Bit or 16 - Word x 8-Bit Page Mode One Time PROM
MSM27C852CZ OKI-MSM27C852CZ Datasheet
91Kb / 12P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V802F OKI-MR27V802F Datasheet
146Kb / 15P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-bit One Time PROM
MR27V802D OKI-MR27V802D Datasheet
58Kb / 11P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
MSM27C802CZ OKI-MSM27C802CZ Datasheet
108Kb / 12P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com