Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NJM2746 Datasheet(PDF) 2 Page - New Japan Radio

No. de Pieza. NJM2746
Descripción  Single Supply Dual Operational Amplifier with Full Swing Output
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NJRC [New Japan Radio]
Página de inicio  http://www.njr.co.jp/index_e.htm
Logo 

NJM2746 Datasheet(HTML) 2 Page - New Japan Radio

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NJM2746
- 2 -
Ver.2005-01-26
■ ABSOLUTE MAXIMUM RATINGS
(Note1) For supply voltage less than 15V, the absolute maximum input voltage is equal to the supply voltage.
■ OPERATING VOLTAGE (Ta=25ûC)
■ ELECTRICAL CHARACTERISTICS
●DC CHARACTERISTICS (V+=5V,Ta=25ûC)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Operating Current
ICC
RL=
∞, VIN=2.5V,
No Signal Apply
-
4
5.5
mA
Input Offset Voltage
VIO
RS ≤ 10kΩ
-
1
6
mV
Input Bias Current
IB
-
100
350
nA
Input Offset Current
IIO
-
5
100
nA
Large Signal Voltage Gain
AV
RL≥10kΩ to 2.5V,
Vo=0.5V to 4.5V
65
85
-
dB
Common Mode Rejection Ratio
CMR
0V ≤ VCM ≤ 4V
60
75
-
dB
Supply Voltage Rejection Ratio
SVR
V
+=2.5V to 14V
60
80
-
dB
VOH
RL=5kΩ to 2.5V
4.75
4.9
-
V
Output Voltage
VOL
RL=5kΩ to 2.5V
-
0.1
0.25
V
Input Common Mode
Voltage Range
VICM
CMR ≥ 60dB
0
-
4
V
●AC CHARACTERISTICS (V+=5V,Ta=25ûC)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Unity Gain Bandwidth
GB
f=1MHz
-
10
-
MHz
Phase Margin
ΦM
RL=10kΩ, CL=10pF
-
75
-
Deg
Equivalent Input Noise Voltage
VNI
f=1kHz, VCM=2.5V
-
10
-
nV/√Hz
Total Harmonic Distortion
THD
f=1kHz, AV=+2
RL=10kΩ to 2.5V, Vo=1.5Vrms
-
0.001
-
%
Amp to Amp Separation
CS
f=1kHz
RL=10kΩ to 2.5V, Vo=1.5Vrms
-
120
-
dB
●AC CHARACTERISTICS (V+=5V,Ta=25ûC)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Slew Rate
SR
(Note 2), AV=1, VIN=2Vpp
RL=10kΩ to 2.5V
CL=10pF to 2.5V
-
3.5
-
V/µs
(Note 2) Number specified is the slower of the positive and negative slew rates.
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+
15
V
Differential Input Voltage Range
VID
±15 (Note1)
V
Common Mode Input Voltage Range
VICM
0 to 15 (Note1)
V
Power Dissipation
PD
DMP8 (300), SSOP (250)
TVSP8 (320)
mW
Operating Temperature Range
Topr
-40 to +85
ûC
Storage Temperature Range
Tstg
-50 to +125
ûC
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+
2.5 to 14
V


Html Pages

1  2  3  4  5  6  7