Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NJM2746 Datasheet(PDF) 1 Page - New Japan Radio

No. de Pieza. NJM2746
Descripción  Single Supply Dual Operational Amplifier with Full Swing Output
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NJRC [New Japan Radio]
Página de inicio  http://www.njr.co.jp/index_e.htm
Logo 

NJM2746 Datasheet(HTML) 1 Page - New Japan Radio

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NJM2746
-1-
Ver.2005-01-26
Single Supply Dual Operational Amplifier
with Full Swing Output
■GENERAL DESCRIPTION
The NJM2746 is a dual low supply voltage operational amplifier
with Full swing output.
It is suitable for audio section of portable sets, PCs and any
General-purpose use.
■ FEATURES
●Operating Voltage
:2.5V to 14V
●Output Full Swing
: VOH ≥4.9V Typ. (at V
+=5V, RL=5kΩ)
: VOL ≤0.1V Typ. (at V
+=5V, RL=5kΩ)
●Offset Voltage
:1mV Typ
●Slew Rate
: 3.5V/µs Typ.
. ●Low Distortion
: 0.001% typ. (at V+=5V, f=1kHz)
. ●Low Input Voltage Noise
:10nV/√Hz typ.
●Bipolar Technology
●Package Outline
: DMP8, SSOP8, TVSP8
■ PIN CONFIGURATION
■PACKAGE OUTLINE
1
2
3
5
4
7
6
8
PIN FUNCTION
1. A OUTPUT
2. A -INPUT
3. A +INPUT
4. GND
5. B +INPUT
6. B –INPUT
7. B OUTPUT
8. V
+
NJM2746RB1
NJM2746M
NJM2746V
NJM2746RB1
(Top View)
NJM2746M
NJM2746V


Html Pages

1  2  3  4  5  6  7