Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IRF6610 Datasheet(PDF) 9 Page - International Rectifier |
|
IRF6610 Datasheet(HTML) 9 Page - International Rectifier |
9 / 9 page IRF6610 www.irf.com 9 DirectFET™ Tape & Reel Dimension (Showing component orientation). Data and specifications subject to change without notice. This product has been designed and qualified for the Consumer market. Qualification Standards can be found on IR’s Web site. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.05/05 NOTE: CONTROLLING DIMENSIONS IN MM CODE A B C D E F G H MAX 0.319 0.161 0.484 0.219 0.165 0.205 N.C 0.063 MIN 0.311 0.154 0.469 0.215 0.158 0.197 0.059 0.059 MAX 8.10 4.10 12.30 5.55 4.20 5.20 N.C 1.60 DIMENSIONS METRIC IMPERIAL Loaded Tape Feed Direction MIN 7.90 3.90 11.90 5.45 4.00 5.00 1.50 1.50 NOTE: Controlling dimensions in mm Std reel quantity is 4800 parts. (ordered as IRF6610). For 1000 parts on 7" reel, order IRF6610TR1 STANDARD OPTION (QTY 4800) MIN 330.0 20.2 12.8 1.5 100.0 N.C 12.4 11.9 CODE A B C D E F G H MAX N.C N.C 13.2 N.C N.C 18.4 14.4 15.4 MIN 12.992 0.795 0.504 0.059 3.937 N.C 0.488 0.469 MAX N.C N.C 0.520 N.C N.C 0.724 0.567 0.606 METRIC IMPERIAL TR1 OPTION (QTY 1000) IMPERIAL MIN 6.9 0.75 0.53 0.059 2.31 N.C 0.47 0.47 MAX N.C N.C 12.8 N.C N.C 13.50 12.01 12.01 MIN 177.77 19.06 13.5 1.5 58.72 N.C 11.9 11.9 METRIC MAX N.C N.C 0.50 N.C N.C 0.53 N.C N.C REEL DIMENSIONS |
Número de pieza similar - IRF6610 |
|
Descripción similar - IRF6610 |