Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD789026 Datasheet(PDF) 35 Page - NEC

No. de pieza UPD789026
Descripción Electrónicos  8-Bit Single-Chip Microcontrollers
Download  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD789026 Datasheet(HTML) 35 Page - NEC

Back Button UPD789026 Datasheet HTML 31Page - NEC UPD789026 Datasheet HTML 32Page - NEC UPD789026 Datasheet HTML 33Page - NEC UPD789026 Datasheet HTML 34Page - NEC UPD789026 Datasheet HTML 35Page - NEC UPD789026 Datasheet HTML 36Page - NEC UPD789026 Datasheet HTML 37Page - NEC UPD789026 Datasheet HTML 38Page - NEC UPD789026 Datasheet HTML 39Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 213 page
background image
CHAPTER 2 PIN FUNCTIONS
User's Manual U11919EJ3V0UM00
35
2.2 Description of Pin Functions
2.2.1 P00 to P07 (Port 0)
These pins constitute an 8-bit I/O port and can be set in the input or output port mode in 1-bit units by using port
mode register 0 (PM0). When these pins are used as an input port, an on-chip pull-up resistor can be used in the
pull-up resistor option register (PUO).
This port can drive LEDs directly.
2.2.2 P10 to P17 (Port 1)
These pins constitute an 8-bit I/O port. Can be set in the input or output port mode in 1-bit units by using port
mode register 1 (PM1). When these pins are used as an input port, an on-chip pull-up resistor can be used in the
pull-up resistor option register (PUO).
This port can drive LEDs directly.
2.2.3 P20 to P22 (Port 2)
These pins constitute a 3-bit I/O port. In addition, these pins provide the function to input/output the data and
clock of the serial interface.
This port can drive LEDs directly.
Port 2 can be specified in the following operation modes in bit-wise.
(1)
Port mode
In this mode, port 2 functions as a 3-bit I/O port. Port 2 can be set in the input or output mode in 1-bit units
by using the port mode register 2 (PM2). When the port is used as an input port, an on-chip pull-up resistor
can be used in the pull-up resistor option register (PUO).
(2)
Control mode
In this mode, port 2 functions as the data input/output and the clock input/output of the serial interface.
(a) SI0, SO0
These are the serial data I/O pins of the serial interface.
(b) SCK0
This is the serial clock I/O pin of the serial interface.
(c) RxD, TxD
These are the serial data I/O pins of asynchronous serial interface.
(d) ASCK
This is the serial clock input pin of asynchronous serial interface.
Caution
When using port 2 as serial interface pins, the input/output mode and output latch must
be set according to the functions to be used. For details of the setting, see Table 9-2.


Número de pieza similar - UPD789026

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
UPD789011 RENESAS-UPD789011 Datasheet
360Kb / 46P
   MOS INTEGRATED CIRCUIT
1996
UPD789012 RENESAS-UPD789012 Datasheet
360Kb / 46P
   MOS INTEGRATED CIRCUIT
1996
logo
NEC
UPD789014 NEC-UPD789014 Datasheet
405Kb / 123P
   8-Bit Single-Chip Microcontroller Instructions
logo
Renesas Technology Corp
UPD789046 RENESAS-UPD789046 Datasheet
463Kb / 51P
   MOS INTEGRATED CIRCUIT
1999
UPD789046GB-XXX-8ES RENESAS-UPD789046GB-XXX-8ES Datasheet
463Kb / 51P
   MOS INTEGRATED CIRCUIT
1999
More results

Descripción similar - UPD789026

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com