Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMH4042ASALM Datasheet(PDF) 2 Page - Summit Microelectronics, Inc.

No. de pieza SMH4042ASALM
Descripción Electrónicos  Distributed Power Hot-Swap Controller for CompactPCI
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMMIT [Summit Microelectronics, Inc.]
Página de inicio  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4042ASALM Datasheet(HTML) 2 Page - Summit Microelectronics, Inc.

  SMH4042ASALM Datasheet HTML 1Page - Summit Microelectronics, Inc. SMH4042ASALM Datasheet HTML 2Page - Summit Microelectronics, Inc. SMH4042ASALM Datasheet HTML 3Page - Summit Microelectronics, Inc. SMH4042ASALM Datasheet HTML 4Page - Summit Microelectronics, Inc. SMH4042ASALM Datasheet HTML 5Page - Summit Microelectronics, Inc. SMH4042ASALM Datasheet HTML 6Page - Summit Microelectronics, Inc. SMH4042ASALM Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4042ASALM Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4042ASALM Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
SMH4042A
2070
9.1 5/27/03
SUMMIT MICROELECTRONICS, Inc.
PIN CONFIGURATION
The SMH4042A is a fully integrated hot swap controller that
provides complete power control for add-in cards ranging in
use for basic hot swap systems to high availability
CompactPCIsystems. It detects proper insertion of the
card and senses valid supply voltage levels at the
backplane. Utilizing external low on-resistance N-channel
MOSFETs, card power is ramped by two high-side driver
outputs that are slew-rate limited at 250V/s.
The SMH4042A continuously monitors the host supplies,
the add-in card supplies and the add-in card current. If
the SMH4042A detects the current is higher than the
programmed value it will shut down the MOSFETs and
issue a fault status back to the host.
DESCRIPTION
The internal 512
×8E2PROMcanbeusedasconfiguration
memory for the individual card or as general purpose
memory. The proprietary Data Download mode provides
a more direct interface to the E2PROM, simplifying
access by the add-in card’s controller or ASIC.
Programming of configuration, control and calibration
values by the user can be simplified with the interface
adapter and Windows GUI software obtainable from
Summit Microelectronics.
CBI_5
DRVREN#
ISLEW
FAULT#
1VREF
VSEL
PWR_EN
A0
LOCAL_PCI_RST#
A1
A2
BD_SEL2#
BD_SEL1#
GND
VCC
VGATE5
nc
CARD_5V_MON
CBI_3
HST_3V_MON
VGATE3
CARD_3V_MON
LOCAL_PCI_RST
SCL
SDA
PCI_RST#
SGNL_VLD#
HEALTHY#
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
2070 PCon


Número de pieza similar - SMH4042ASALM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Summit Microelectronics...
SMH4042 SUMMIT-SMH4042 Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AGM SUMMIT-SMH4042G-AGM Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AGN SUMMIT-SMH4042G-AGN Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AHM SUMMIT-SMH4042G-AHM Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AHN SUMMIT-SMH4042G-AHN Datasheet
225Kb / 28P
   Hot Swap??Controller
More results

Descripción similar - SMH4042ASALM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
   Distributed Power Hot-Swap Controller
SMH4811 SUMMIT-SMH4811 Datasheet
358Kb / 16P
   DISTRIBUTED POWER HOT SWAP CONTROLLER
logo
List of Unclassifed Man...
SMT4004 ETC-SMT4004 Datasheet
480Kb / 23P
   Distributed Power Hot-Swap Controller
logo
Summit Microelectronics...
SMH4803A SUMMIT-SMH4803A Datasheet
430Kb / 19P
   Distributed Power Hot Swap Controller
SMH4812 SUMMIT-SMH4812 Datasheet
435Kb / 19P
   Distributed Power Hot-Swap Controller
logo
Linear Technology
LTC1644 LINER-LTC1644_15 Datasheet
453Kb / 24P
   CompactPCI Bus Hot Swap Controller
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
   CompactPCI Dual Hot Swap Controller
LTC1644 LINER-LTC1644 Datasheet
452Kb / 24P
   CompactPCI Bus Hot Swap Controller
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
   CompactPCI Dual Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com