Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMH4042AGBLM Datasheet(PDF) 11 Page - Summit Microelectronics, Inc.

No. de pieza SMH4042AGBLM
Descripción Electrónicos  Distributed Power Hot-Swap Controller for CompactPCI
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMMIT [Summit Microelectronics, Inc.]
Página de inicio  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4042AGBLM Datasheet(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button SMH4042AGBLM Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4042AGBLM Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4042AGBLM Datasheet HTML 9Page - Summit Microelectronics, Inc. SMH4042AGBLM Datasheet HTML 10Page - Summit Microelectronics, Inc. SMH4042AGBLM Datasheet HTML 11Page - Summit Microelectronics, Inc. SMH4042AGBLM Datasheet HTML 12Page - Summit Microelectronics, Inc. SMH4042AGBLM Datasheet HTML 13Page - Summit Microelectronics, Inc. SMH4042AGBLM Datasheet HTML 14Page - Summit Microelectronics, Inc. SMH4042AGBLM Datasheet HTML 15Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
2070
9.1 5/27/03
SMH4042A
SUMMIT MICROELECTRONICS, Inc.
11
BUS INTERFACE
GENERAL DESCRIPTION
The I2C bus is a two-way, two-line serial communication
between different integrated circuits. The two lines are:
a serial Data line (SDA) and a serial Clock line (SCL). All
Summit Microelectronics parts support a 100kHz clock
rate, and some support the alternative 400kHz clock.
Check Table 2 for the value of fSCL. The SDA line must
be connected to a positive supply by a pull-up resistor
located on the bus. Summit parts have a Schmitt input on
both lines. See Figure 5 and Table 2 for waveforms and
timing on the bus. One bit of Data is transferred during
each Clock pulse. The Data must remain stable when the
Clock is high.
Figure 5. I2C Timing Diagram
Table 2. I2C AC Operating Characteristics
2037 Table02 2.0
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
f
L
C
S
y
c
n
e
u
q
e
r
f
k
c
o
l
c
L
C
S0
0
0
1z
H
k
t
W
O
L
d
o
i
r
e
p
w
o
l
k
c
o
l
C7
.
4s
µ
t
H
G
I
H
d
o
i
r
e
p
h
g
i
h
k
c
o
l
C0
.
4s
µ
t
F
U
B
)
1
(
e
m
i
t
e
e
r
f
s
u
Bn
o
i
s
s
i
m
s
n
a
r
t
w
e
n
e
r
o
f
e
B7
.
4s
µ
t
A
T
S
:
U
S
e
m
i
t
p
u
t
e
s
n
o
i
t
i
d
n
o
c
t
r
a
t
S7
.
4s
µ
t
A
T
S
:
D
H
e
m
i
t
d
l
o
h
n
o
i
t
i
d
n
o
c
t
r
a
t
S0
.
4s
µ
t
O
T
S
:
U
S
e
m
i
t
p
u
t
e
s
n
o
i
t
i
d
n
o
c
p
o
t
S7
.
4s
µ
t
A
A
t
u
p
t
u
o
d
i
l
a
v
o
t
e
g
d
e
k
c
o
l
C)
n
e
l
c
y
c
(
A
D
S
d
i
l
a
v
o
t
w
o
l
L
C
S2
.
05
.
3s
µ
t
H
D
e
m
i
t
d
l
o
h
t
u
O
a
t
a
De
g
n
a
h
c
A
D
S
o
t
)
1
+
n
e
l
c
y
c
(
w
o
l
L
C
S2
.
0s
µ
t
R
)
1
(
e
m
i
t
e
s
i
r
A
D
S
d
n
a
L
C
S
0
0
0
1s
n
t
F
)
1
(
e
m
i
t
l
l
a
f
A
D
S
d
n
a
L
C
S
0
0
3s
n
t
T
A
D
:
U
S
e
m
i
t
p
u
t
e
s
n
I
a
t
a
D0
5
2s
n
t
T
A
D
:
D
H
e
m
i
t
d
l
o
h
n
I
a
t
a
D0
s
n
I
TA
D
S
d
n
a
L
C
S
r
e
t
l
i
f
e
s
i
o
Nn
o
i
s
s
e
r
p
p
u
s
e
s
i
o
N0
0
1s
n
t
R
W
e
m
i
t
e
l
c
y
c
e
t
i
r
W
5s
m
Note 1 - Guaranteed by Design
tF
tR
tLOW
tHIGH
tHD:SDA
tSU:SDA
tBUF
tDH
tHD:DAT
tSU:DAT
tSU:STO
SCL
SDA In
SDA Out
tAA
2070 Fig05


Número de pieza similar - SMH4042AGBLM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Summit Microelectronics...
SMH4042 SUMMIT-SMH4042 Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AGM SUMMIT-SMH4042G-AGM Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AGN SUMMIT-SMH4042G-AGN Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AHM SUMMIT-SMH4042G-AHM Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AHN SUMMIT-SMH4042G-AHN Datasheet
225Kb / 28P
   Hot Swap??Controller
More results

Descripción similar - SMH4042AGBLM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
   Distributed Power Hot-Swap Controller
SMH4811 SUMMIT-SMH4811 Datasheet
358Kb / 16P
   DISTRIBUTED POWER HOT SWAP CONTROLLER
logo
List of Unclassifed Man...
SMT4004 ETC-SMT4004 Datasheet
480Kb / 23P
   Distributed Power Hot-Swap Controller
logo
Summit Microelectronics...
SMH4803A SUMMIT-SMH4803A Datasheet
430Kb / 19P
   Distributed Power Hot Swap Controller
SMH4812 SUMMIT-SMH4812 Datasheet
435Kb / 19P
   Distributed Power Hot-Swap Controller
logo
Linear Technology
LTC1644 LINER-LTC1644_15 Datasheet
453Kb / 24P
   CompactPCI Bus Hot Swap Controller
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
   CompactPCI Dual Hot Swap Controller
LTC1644 LINER-LTC1644 Datasheet
452Kb / 24P
   CompactPCI Bus Hot Swap Controller
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
   CompactPCI Dual Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com