Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SMH4042AGALN Datasheet(PDF) 8 Page - Summit Microelectronics, Inc.

No. de Pieza. SMH4042AGALN
Descripción  Distributed Power Hot-Swap Controller for CompactPCI
Descarga  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SUMMIT [Summit Microelectronics, Inc.]
Página de inicio  http://www.summitmicro.com
Logo 

SMH4042AGALN Datasheet(HTML) 8 Page - Summit Microelectronics, Inc.

Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
SMH4042A
2070
9.1 5/27/03
SUMMIT MICROELECTRONICS, Inc.
Flow Chart 1. Sequence Diagram
2070 Flow01
VCC
≥ 1V
Assert Outputs
LOCAL_PCI_RST &
LOCAL_PCI_RST#
Shut Off Signals
DRVREN#,
HEALTHY#,
SGNL_VLD#,
VGATE3 &
VGATE5
Monitor
BD_SEL1# &
BD_SEL2#
For Insertion
YES
HIGH
LOW
NO
HIGH
LOW
Monitor
VSEL
Input Level
Monitor
HOST_3V_MON
Input Level
Monitor
VCC &
HOST_3V_MON
Input Level
Turn On Signals
DRVREN#,
VGATE3 &
VGATE5
Monitor
CARD_3V_MON &
CARD_3V_MON:
≥ VTRIP?
LOW
OK
LOW
OK
Turn On
SGNL_VLD
Turn On
HEALTHY#
Start Timer
tPURST
tPURST
Timeout?
NO
YES
PCI_RST
Released?
NO
YES
Release
Resets


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn