Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA2822CDTF Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza KA2822CDTF
Descripción Electrónicos  3-Phase BLDC Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA2822CDTF Datasheet(HTML) 3 Page - Fairchild Semiconductor

  KA2822CDTF Datasheet HTML 1Page - Fairchild Semiconductor KA2822CDTF Datasheet HTML 2Page - Fairchild Semiconductor KA2822CDTF Datasheet HTML 3Page - Fairchild Semiconductor KA2822CDTF Datasheet HTML 4Page - Fairchild Semiconductor KA2822CDTF Datasheet HTML 5Page - Fairchild Semiconductor KA2822CDTF Datasheet HTML 6Page - Fairchild Semiconductor KA2822CDTF Datasheet HTML 7Page - Fairchild Semiconductor KA2822CDTF Datasheet HTML 8Page - Fairchild Semiconductor KA2822CDTF Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
KA2822CD
3
Pin Definitions
Pin Number
Pin Name
I/O
Pin Function Description
1
FG_INPUT
I
Negative input pin FG signal amp.
2
AGC
I
Automatic gain control input pin
3
INDEX PULSE WIDTH
O
Index pulse width detection (1.1V) pin
4
VOLTAGE REGULATOR
O
Voltage (2.2V) generator output pin
5
INDEX BURST
O
Index pulse width detection (1.4V) pin
6
INDEX OUTPUT
O
Index pulse output pin
7
CE
I
Chip enable (Active low)
8
SIGNAL GROUND
-
Signal ground
9
FG ZERO CROSS
O
FG signal zero cross detection pin
10
FG OUTPUT
O
FG signal output pin
11
RPM SELECT
I
RPM selection pin (L: 300, H: 360rpm)
12
CHARGE PUMP OUTPUT
O
Charge pump output pin
13
OSC INPUT
I
1MHz oscillation input pin
14
NC
-
No connection
15
PHASE COMPENSATION
I
Phase compensation cap. connection pin
16
VCC
-
5V power supply pin
17
CURRENT DETECTION2
I
Over current detection pin
18
U INPUT (
−)
I
Negative input pin of U phase amp
19
U INPUT (+)
I
Positive input pin of U phase amp
20
NC
-
No connection
21
W PHASE OUTPUT
O
W phase output pin
22
V PHASE OUTPUT
O
V phase output pin
23
U PHASE OUTPUT
O
U phase output pin
24
V INPUT (+)
I
Positive input pin of V phase amp
25
V INPUT (
−)
I
Negative input pin of V phase amp
26
CURRENT DETECTION1
I
Over current detection pin
27
HALL BIAS
I
Hall sensor bias input pin
28
FG INPUT (+)
I
Positive input pin of FG signal amp
FIN
POWER GROUND
-
Power ground


Número de pieza similar - KA2822CDTF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA2822BD FAIRCHILD-KA2822BD Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
KA2822BDTF FAIRCHILD-KA2822BDTF Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
KA2822DTF FAIRCHILD-KA2822DTF Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
More results

Descripción similar - KA2822CDTF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
logo
KODENSHI_AUK CORP.
S3313 KODENSHI-S3313 Datasheet
464Kb / 17P
   3 phase BLDC Motor Driver IC
logo
Princeton Technology Co...
PT2431 PTC-PT2431 Datasheet
201Kb / 5P
   3-Phase Sensorless BLDC Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM6807 AMTEK-AM6807 Datasheet
648Kb / 29P
   3 Phase BLDC Motor Pre-Driver
JUN. 2008 V1.22
logo
Fairchild Semiconductor
FAN8400D FAIRCHILD-FAN8400D Datasheet
67Kb / 14P
   3-Phase BLDC Motor Driver with PLL
FAN8403D3 FAIRCHILD-FAN8403D3 Datasheet
80Kb / 12P
   3-Phase BLDC Motor Driver with PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com