Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BA033T Datasheet(PDF) 1 Page - Rohm |
|
BA033T Datasheet(HTML) 1 Page - Rohm |
1 / 8 page BAOOT / BAOOFP series Regulator ICs Low saturation voltage type 3-pin regulator BAOOT / BAOOFP series The BA ΟΟT and BAΟΟFP series are fixed positive output low drop-out type, 3-pin voltage regulators with positive output. These regulators are used to provide a stabilized output voltage from a fluctuating DC input voltage. There are 10 fixed output voltages, as follows:3V, 3.3V, 5V, 6V*, 7V, 8V, 9V, 10V, 12V and 15V. The maximum current capacity is 1A for each of the above voltages. (Items marked with an asterisk are under development.) ! ! ! ! Application Constant voltage power supply ! ! ! ! Features 1) Built-in overvoltage protection circuit, overcurrent protection circuit and thermal shutdown circuit. 2) TO220FP and TO252-3 packages are available to cover a wide range of applications. 3) Compatible with the BA178 ΟΟ series. 4) Richly diverse lineup. 5) Low minimum I / O voltage differential. ! ! ! ! Product codes Product No. Product No. 3.0 BA03T / FP 8.0 BA08T / FP 3.3 BA033T / FP 9.0 BA09T / FP 5.0 BA05T / FP 10.0 BA10T / FP 6.0 BA06T / FP 12.0 BA12T / FP 7.0 BA07T / FP 15.0 BA15T / FP Output voltage (V) Output voltage (V) ∗∗ ∗ : Under development. ! ! ! ! Block diagram 1 2 OUT − + REFERENCE VOLTAGE GND VCC + 3 |
Número de pieza similar - BA033T |
|
Descripción similar - BA033T |